Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT313HQ-R Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 53Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 54Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 55Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 56Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 57Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 58Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 59Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 60Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
57
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
8 Package Parameters
The FT313H is available in three different packages. The FT313HQ is the QFN-64 package, the FT313HL is
the LQFP-64 package and the FT313HP is the TQFP-64 package. The solder reflow profile for all packages
is described in following sections.
8.1 FT313H Package Markings
8.1.1 QFN-64
An example of the markings on the QFN package are shown in Figure 8-1. The FTDI part number is too
long for the 64 QFN package so in this case the last two digits are wrapped down onto the date code line.
Notes:
1. YYWW = Date Code, where YY is year and WW is week number
2. Marking alignment should be centre justified
3. Laser Marking should be used
FTDI
XXXXXXXXXX
FT313HQ
Line 1 – FTDI Logo
Line 4 – Date Code, Revision
Line 2 – Wafer Lot Number
1
64
Line 3 – FTDI Part Number
YYWW-B
Figure 8-1 QFN Package Markings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com