Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC234-1764-059 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IC234-1764-059
Description  QFP (Quad Flat Packages, Gullwing Leads)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC234-1764-059 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  IC234-1764-059 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
52 Test Solutions
IC51-0444-615
1.0
44
14.0 x 14.0
17.2 x 17.2
15.80
34.0 x 42.5
CL
IC51-0444-621
1.0
44
14.0 x 14.0
17.9 x 17.9
17.00
34.0 x 42.5
CL
IC51-621 KS-8966
1.0
44
14.0 x 14.0
17.9 x 17.9
17.00
34.0 x 42.5
CL
IC51-0604-497-2
1.0
60
16.0 x 20.0
17.9 x 23.9
17.0 x 23.0
34.0 x 42.5
CL
IC201-0644-019 *-*
1.0
64
14.0 x 20.0
17.9 x 23.9
1.22
32.9 x 38.9
OT
IC51-0644-472
1.0
64
14.0 x 20.0
19.6 x 23.6
16.2 x 22.2
34.0 x 42.5
CL
IC51-0644-820-1
1.0
64
14.0 x 20.0
18.7 x 24.7
17.0 x 23.0
32.9 x 38.9
CL
IC51-0644-820-2
1.0
64
14.0 x 20.0
17.6 x 23.6
16.3 x 22.3
34.0 x 42.5
CL
IC51-0644-820-3
1.0
64
14.0 x 20.0
18.0 x 24.0
16.9 x 22.9
34.0 x 42.5
CL
IC51-0644-820-4
1.0
64
14.0 x 20.0
17.2 x 23.2
15.8 x 21.8
34.0 x 42.5
CL
IC51-820-2 KS-9376
1.0
64
14.0 x 20.0
17.2 x 23.2
17.0 x 23.0
34.0 x 42.5
CL
IC51-0604-361
0.8
60
16.0 x 16.0
18.3 x 18.3
16.5
-
37.0 x 44.0
CL
IC51-0604-468
0.8
60
14.0 x 14.0
17.2 x 17.2
15.8
-
38.0 x 43.0
CL
IC234-0644-024 *
0.8
64
14.0 x 14.0
16.8 x 16.8
-
1.40
32.2 x 32.2
OT
IC51-0644-1240-2
0.8
64
14.0 x 14.0
16.5 x 16.5
15.0
-
42.5 x 34.0
CL
IC51-0644-692-*
0.8
64
14.0 x 14.0
-
-
-
22.0 x 26.0
CL
IC51-0644-824-1
0.8
64
14.0 x 14.0
17.2 x 17.2
15.8
-
30.0 x 42.5
CL
IC51-0644-824-2
0.8
64
14.0 x 14.0
17.9 x 17.9
16.7
-
30.0 x4 2.5
CL
IC51-0644-824-3
0.8
64
14.0 x 14.0
16.2 x 16.2
15.4
-
30.0 x4 2.5
CL
IC51-0644-824-5
0.8
64
14.0 x 14.0
16.0 x 16.0
15.2
-
30.0 x 42.5
CL
IC218-0724-001 *-*
0.8
72
13.2 x 18.0
18.8 x 23.6
-
0.90
31.8 x 36.6
OT
IC51-0724-698
0.8
72
16.0 x 20.0
18.2 x 23.1
16.6 x 21.5
-
36.0 x 44.5
CL
IC201-0804-032 *
0.8
80
14.0 x 20.0
17.2 x 23.2
-
-
38.2 x 38.2
OT
IC218-0804-002 *-*
0.8
80
14.0 x 20.0
19.2 x 25.2
0.95
31.0 x 38.2
OT
IC218-0804-007 *
0.8
80
14.0 x 14.0
16.0 x 16.0
-
-
32.2 x 29.2
OT
IC234-0804-001 *
0.8
80
14.0 x 20.0
19.1 x 25.1
-
1.60
32.2 x 32.2
OT
IC51-0804-819-1
0.8
80
14.0 x 20.0
17.9 x 23.9
16.9 x 22.9
-
34.0 x 42.5
CL
IC51-0804-819-2
0.8
80
14.0 x 20.0
17.6 x 23.6
16.3 x 22.3
-
34.0 x 42.5
CL
IC51-0804-819-6
0.8
80
14.0 x 20.0
16.8 x 22.8
15.6 x 21.6
-
34.0 x 42.5
CL
IC51-0804-819-8
0.8
80
14.0 x 20.0
17.2 x 23.8
16.9 x 22.9
-
24.0 x 42.5
CL
IC51-819.KS-12720
0.8
80
14.0 x 20.0
17.2 x 23.2
16.0 x 22.0
34.0 x 42.5
CL
IC234-1204-017 *
0.8
120
28.0 x 28.0
31.2 x 31.2
-
1.70
46.2 x 46.2
OT
IC234-1204-065 *
0.8
120
28.0 x 28.0
32.8 x 32.8
-
1.63
48.4 x 48.4
OT
IC51-1204-1497
0.8
120
28.0 x 28.0
29.7 x 29.7
30.5
-
60.0 x 58.0
CL
IC51-1204-1646
0.8
120
28.0 x 28.0
31.2 x 31.2
30.8
-
57.0 x 30.6
CL
IC200-1284-001 *-*
0.8
128
28.0 x 28.0
32.0 x 32.0
-
1.50
52.0 x 52.0
OT
IC51-1284-844-1
0.8
128
28.0 x 28.0
31.2 x 31.2
30.6
-
44.0 x 57.0
CL
IC234-017 AC-11315
0.8
128
28.0 x 28.0
31.2 x 31.2
-
1.70
34.0 x 34.0
OT
IC51-1284-617
0.8
128
29.0 x 29.0
31.2 x 31.2
30.60
-
44.0 x 57.0
CL
IC51-1284-976-*
0.8
128
28.0 x 28.0
31.2 x 31.2
30.6
-
44.0 x 57.0
CL
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
G X H
Package
Type
CL= Clamshell
OT = Open Top
Body
A x B
Tip-to-Tip
C x D
Parallel
Clamp
E
1/2 - IC
height
F
0.80mm Pitch (cont‘d)
1.00mm Pitch
C
A
E
H
E
E
G
G
H
Outline IC Body Dimensions
Outline Clamshell
Socket Dimensions
Outline Open Top
Socket Dimensions
Applicable Dimensions
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com