Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC234-1764-059 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IC234-1764-059
Description  QFP (Quad Flat Packages, Gullwing Leads)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC234-1764-059 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IC234-1764-059 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
51
Test Solutions
Part Numbers
Pitch Pin Count
A x B
C x D
E
F
G x H
Type
IC500-0804-005
0.65
80
14.0 x 14.0
16.0 x 16.0
-
1.07
32.0 x 32.2
OT
IC51-0804-711
0.65
80
14.0 x 14.0
17.2 x 17.2
15.80
-
37.0 x 41.0
CL
IC51-0804-795
0.65
80
14.0 x 14.0
16.0 x 16.0
15.30
-
37.0 x 41.0
CL
IC51-0804-956-2
0.65
80
14.0 x 14.0
17.2 x 17.2
16.40
-
34.0 x 42.5
CL
IC51-795 KS-13930
0.65
80
14.0 x 14.0
17.2 x 17.2
15.90
-
37.0 x 41.0
CL
QFP11T080-008
0.65
80
14.0 x 14.0
16.0 x 16.0
15.30
-
39.0 x 39,5
CL
IC201-1004-016 *-*
0.65
100
14.0 x 20.0
17.9 x 23.9
-
1.28
32.9 x 38.9
OT
IC201-1004-028 *
0.65
100
14.0 x 20.0
17.2 x 23.2
-
1.20
32.2 x 38.2
OT
IC201-1004-050 *
0.65
100
14.0 x 20.0
16.0 x 22.0
-
0.75
31.0 x 37.0
OT
IC234-0644-006 *
0.65
100
14.0 x 20.0
16.0 x 22.0
-
0.875
31.0 x 37.0
OT
IC234-1004-008 *
0.65
100
14.0 x 20.0
18.15 x 24.15
-
1.33
32.2 x 38.2
OT
IC234-1004-009 *
0.65
100
14.0 x 20.0
18.15 x 24.15
-
1.33
32.2 x 38.2
OT
IC234-1004-013 *
0.65
100
14.0 x 20.0
17.2 x 23.2
-
1.35
32.2 x 38.2
OT
IC234-1004-014 *
0.65
100
14.0 x 20.0
16.0 x 22.0
-
0.67
32.2 x 38.2
OT
IC234-1004-015 *
0.65
100
14.0 x 20.0
16.75 x 22.75
-
0.67
32.2 x 38.2
OT
IC234-1004-028 *
0.65
100
14.0 x 20.0
18.4 x 24.4
-
1.33
32.2 x 38.2
OT
IC234-1004-033 *
0.65
100
14.0 x 20.0
17.9 x 23.9
-
1.33
32.2 x 38.2
OT
IC51-1004-814-1
0.65
100
14.0 x 20.0
17.9 x 23.9
17.0 x 23.0
-
34.0 x 42.5
CL
IC51-1004-814-2
0.65
100
14.0 x 20.0
17.2 x 23.2
16.4 x 22.4
-
34.0 x 42.5
CL
IC51-1004-814-6
0.65
100
14.0 x 20.0
17.2 x 23.2
15.8 x 21.8
-
34.0 x 42.5
CL
IC51-1004-814-7
0.65
100
14.0 x 20.0
17.2 x 23.2
16.4 x 22.4
-
34.0 x 42.5
CL
IC51-814 KS-12033
0.65
100
14.0 x 20.0
17.2 x 23.2
16.4 x 22.4
-
34.0 x 42.5
CL
IC234-1124-093 *
0.65
112
24.0 x 24.0
23.2 x 23.2
-
1.30
38.2 x 38.2
OT
IC500-1124-001
0.65
112
20.0 x 20.0
22.0 x 22.0
-
0.68
38.2 x 38.2
OT
IC51-1124-1036-2
0.65
112
20.0 x 20.0
23.2 x 23.2
22.30
-
34.0 x 42.5
CL
IC51-1124-1036-YED
0.65
112
20.0 x 20.0
22.0 x 22.0
21.00
-
34.0 x 42.5
CL
IC201-006 AC-04462
0.65
144
28.0 x 28.0
31.2 x 31.2
-
1.65
46.2 x 46.2
OT
IC51-1444-1014
0.65
144
28.0 x 28.0
31.2 x 31.2
30.40
-
44.0 x 57.0
CL
IC51-1444-1014-3
0.65
144
28.0 x 28.0
31.2 x 31.2
30.40
-
44.0 x 57.0
CL
IC201-1604-006 *-*
0.65
160
28.0 x 28.0
31.2 x 31.2
-
1.65
46.2 x 46.2
OT
IC234-1604-018 *
0.65
160
27.9 x 27.9
32.0 x 32.0
-
1.48
47.6 x 47.6
OT
IC234-1604-032 *
0.65
160
28.0 x 28.0
30.6 x 30.6
-
1.66
47.6 x 47.6
OT
IC51-1604-845-1
0.65
160
28.0 x 28.0
31.6 x 31.6
30.60
-
44.0 x 57.0
CL
IC51-1604-845-2
0.65
160
28.0 x 28.0
31.6 x 31.6
30.60
-
44.0 x 57.0
CL
IC51-1604-845-4
0.65
160
28.0 x 28.0
31.2 x 31.2
30.20
-
44.0 x 57.0
CL
IC51-1604-845-8
0.65
160
28.0 x 28.0
31.2 x 31.2
30.20
-
44.0 x 57.0
CL
IC51-1604-926
0.65
160
29.0 x 29.0
30.2 x 31.4
30.40
-
44.0 x 57.0
CL
Part Number
Pitch
Pins
A x B
C x D
E
F
G x H
Type
IC234-0324-044 *
0.8
32
7.0 x 7.0
9.0 x 9.0
-
0.67
26.6 x 26.6
OT
IC51-0324-1498
0.8
32
7.0 x 7.0
9.0 x 9.0
8.4
-
30.0 x 35.5
CL
IC51-0324-354
0.8
32
7.4 x 7.4
9.8 x 9.8
8.4
-
30.0 x 37.5
CL
IC234-0444-037 *
0.8
44
10.0 x 10.0
12.0 x 12.0
-
0.45
29.6 x 29.6
OT
IC234-0444-054 *
0.8
44
9.95 x 9.95
12.8 x 12.8
-
1.35
29.6 x 29.5
OT
IC248-0444-001 *
0.8
44
10.0 x 10.0
13.2 x 13.2
-
0.80
27.0 x 27.0
OT
IC51-0444-1195-3
0.8
44
10.0 x 10.0
12.6 x 12.6
11.5
-
40.0 x 40.0
CL
IC51-0444-467
0.8
44
10.0 x 10.0
13.9 x 13.9
11.5
-
40.0 x 40.0
CL
QFP11T044-001
0.8
44
10.0 x 10.0
12.0 x 12.0
11.3
-
32.0 x 35.0
CL
IC51-0444-798
0.8
44
10.0 x 10.0
13.9 x 13.9
12.9
-
40.0 x 40.0
CL
IC51-0444-825
0.8
44
10.0 x 10.0
12.6 x 12.6
11.8
-
40.0 x 40.0
CL
IC51-467.AC-15687
0.8
44
10.0 x 10.0
12.0 x 12.0
11.6
-
37.5 x 37.5
CL
IC51-467.KS-11787
0.8
44
10.0 x 10.0
12.0 x 12.0
11.6
-
37.5 x 37.5
CL
IC51-467.KS-11247
0.8
44
10.0 x 10.0
13.2 x 13.2
12.1
-
40.0 x 40.0
CL
IC51-081-KS-14028
0.8
48
12.0 x 12.0
15.3 x 15.3
14.0
-
36.0 x 39.0
CL
IC51-0564-924
0.8
56
10.0 x 14.0
13.2 x 1 7.2
11.8 x 15.8
-
37.0 x 41.0
CL
0.80mm Pitch
0.65mm Pitch (cont‘d)
cont‘d next page
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com