Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC234-1764-059 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IC234-1764-059
Description  QFP (Quad Flat Packages, Gullwing Leads)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC234-1764-059 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IC234-1764-059 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 7Page - List of Unclassifed Manufacturers IC234-1764-059 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IC357-0644-068
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.6375
26.2 x 26.2
OT
IC500-0644-008
0.5
64
10.0 x 10.0
12.0 x 12.0
-
0.67
29.6 x 29.6
OT
IC51-0644-807
0.5
64
10.0 x 10.0
12.0 x 12.0
11.30
-
32.0 x 35.0
CL
IC51-807 AC-15764
0.5
64
10.0 x 10.0
13.2 x 13.2
12.00
-
32.0 x 35.0
CL
IC201-0804-014 *-*
0.5
80
12.0 x 12.0
14.0 x 14.0
-
0.62
29.0 x 29.0
OT
IC234-0804-011 *
0.5
80
12.0 x 12.0
14.0 x 14.0
-
0.45
29.0 x 29.0
OT
IC234-0804-026 *
0.5
80
12.0 x 12.0
14.0 x 14.0
-
0.67
31.6 x 31.6
OT
IC357-0804-074
0.5
80
12.0 x 12.0
14.0 x 14.0
-
0.6375
29.0 x 29.0
OT
IC357-0804-096
0.5
80
12.0 x 12.0
14.0 x 14.0
-
0.6375
29.0 x 29.0
OT
IC51-0804-808
0.5
80
12.0 x 12.0
14.0 x 14.0
13.30
-
34.0 x 37.0
CL
IC51-0804-808-2
0.5
80
12.0 x 12.0
14.0 x 14.0
13.20
-
34.0 x 37.0
CL
IC51-0804-808-4
0.5
80
12.0 x 12.0
14.0 x 14.0
13.40
-
34.0 x 37.0
CL
IC201-1004-008 *-*
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.60
32.2 x 31.0
OT
IC201-1004-043 *
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.45
31.0 x 31.0
OT
IC234-1004-023 *
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.67
33.6 x 33.6
OT
IC357-1004-002
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.50
31.9 x 31.9
OT
IC357-1004-014
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.55
31.9 x 31.9
OT
IC357-1004-053
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.55
31.9 x 31.9
OT
IC402-1004-002*
0.5
100
14.0 x 20.0
16.0 x 22.0
-
0.70
29.8 x 23.8
OT
IC500-1004-004
0.5
100
14.0 x 14.0
16.0 x 16.0
-
0.68
33.6 x 33.6
OT
IC51-1004-809
0.5
100
14.0 x 14.0
16.0 x 16.0
15.30
-
39.0 x 39.0
CL
IC51-1004-809-14
0.5
100
14.0 x 14.0
16.0 x 16.0
15.30
-
39.0 x 39.0
CL
IC51-1004-809-2
0.5
100
14.0 x 14.0
16.0 x 16.0
15.30
-
39.0 x 39.0
CL
IC51-1004-809-6
0.5
100
14.0 x 14.0
16.0 x 16.0
15.30
-
39.0 x 39.0
CL
IC51-809 KS-13929
0.5
100
14.0 x 14.0
17.2 x 17.2
15.90
-
39.0 x 39.0
CL
IC234-1204-058 *
0.5
120
16.0 x 16.0
18.0 x 18.0
--
0.67
35.6 x 35.6
OT
IC51-1204-1652
0.5
120
15.93 x 15.93
17.35 x 17.35
17.60
40.0 x 43.0
CL
IC201-026 KS-13784
0.5
128
20.0 x 20.0
22.0 x 22.0
-
0.69
37.0 x 36.7
OT
IC248-1284-007 *-*
0.5
128
14.0 x 20.0
16.0 x 22.0
-
0.67
37.4 x 43.4
OT
IC357-1284-033*
0.5
128
14.0 x 20.0
22.0 x 22.0
-
1.10
31.0 x 37.0
OT
IC500-1284-007
0.5
128
14.0 x 20.0
16.0 x 22.0
-
0.625
33.6 x 39.6
OT
IC51-1284-1433
0.5
128
14.0 x 20.0
16.0 x 22.0
15.2x21.2
-
46.0 x 43.0
CL
IC51-1284-1433-10
0.5
128
14.0 x 20.0
17.2 x 23.2
16.4x22.4
-
46.0 x 43.0
CL
IC51-1284-1433-19
0.5
128
14.0 x 20.0
17.9 x 23.9
16.4x22.4
-
46.0 x 43.0
CL
IC201-1444-026 *-2
0.5
144
20.0 x 20.0
22.0 x 22.0
-
0.69
37.0 x 37.0
OT
IC201-1444-034 *
0.5
144
20.0 x 20.0
22.0 x 22.0
-
0.65
37.0 x 37.0
OT
IC234-1444-007 *
0.5
144
20.0 x 20.0
22.0 x 22.0
-
-
OT
IC234-1444-016 *
0.5
144
20.0 x 20.0
22.0 x 22.0
-
0.8370
37.0 x 37.0
OT
IC402-1444-003*
0.5
144
20.0 x 20.0
22.0 x 22.0
21.30
0.80
30.0 x 30.0
OT
IC500-1444-002P-2
0.5
144
20.0 x 20.0
22.0 x 22.0
0.68
37.0 x 37.0
OT
IC51-1444-1354
0.5
144
20.0 x 20.0
22.0 x 22.0
21.30
1.00
43.0 x 47.0
CL
IC51-1444-1354-7
0.5
144
20.0 x 20.0
22.0 x 22.0
21.30
0.50
43.0 x 47.0
CL
IC51-1604-1350
0.5
160
24.0 x 24.0
26.0 x 26.0
25.30
-
46.0 x 50.0
CL
IC201-1764-033
0.5
176
24.0 x 24.0
26.0 x 26.0
-
0.67
40.0 x 46.0
OT
IC234-1764-002 *
0.5
176
24.0 x 24.0
26.0 x 26.0
-
1.00
46.0 x 46.0
OT
IC234-1764-005 *
0.5
176
24.0 x 24.0
26.0 x 26.0
-
1.00
46.0 x 46.0
OT
IC234-1764-121 *
0.5
176
24.0 x 24.0
26.0 x 26.0
-
1.00
40.0 x 46.0
OT
IC357-1764-061
0.5
176
24.0 x 24.0
26.0 x 24.0
-
0.615
41.0 x 41.0
OT
IC357-1764-081
0.5
176
24.0 x 24.0
26.0 x 24.0
-
0.6375
36.0 x 36.0
OT
IC357-1764-087
0.5
176
24.0 x 24.0
26.0 x 24.0
-
0.735
41.0 x 41.0
OT
IC357-1764-094
0.5
176
24.0 x 24.0
26.0 x 24.0
-
0.735
41.0 x 41.0
OT
IC51-1764-1505
0.5
176
24.0 x 24.0
26.0 x 26.0
25.30
0.90
46.0 x 50.0
CL
IC51-1764-1505-10
0.5
176
24.0 x 24.0
26.0 x 26.0
25.30
0.50
46.0 x 50.0
CL
IC51-1764-1505-5
0.5
176
24.0 x 24.0
26.0 x 26.0
25.30
0.50
46.0 x 50.0
CL
IC200-2084-009 *-*
0.5
208
28.0 x 28.0
31.2 x 31.2
-
1.40
51.2 x 52.2
OT
IC200-2084-010 *-*
0.5
208
28.0 x 28.0
30.6 x 30.6
-
1.40
50.6 x 50.6
OT
IC201-2084-001 *-*
0.5
208
28.0 x 28.0
30.0 x 30.0
-
1.50
45.0 x 45.0
OT
IC201-2084-029 *
0.5
208
28.0 x 28.0
30.6 x 30.6
-
1.67
45.6 x 45.6
OT
IC201-2084-096
0.5
208
28.0 x 28.0
30.0 x 30.0
-
0.55
45.0 x 45.0
OT
IC357-2084-019P-2
0.5
208
28.0 x 28.0
30.6 x 30.6
-
-
45.6 x 45.6
OT
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
49
Test Solutions
Part Numbers
Pitch
Pin Count
A x B
C x D
E
F
G x H
Type
0.50mm Pitch (cont‘d)
cont‘d next page
Applicable Dimensions
(Quad Flat Packages, Gullwing Leads)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com