Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RLSI-L Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T89C51RD2-RLSI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RLSI-L Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T89C51RD2-RLSI-L Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Rev. F - 15 February, 2001
49
T89C51RD2
Table 26. EETIM Register
EETIM (S:0D3h)
EEPROM timing Control Register
Reset Value= 0000 0000b
76543210
EETIM
Bit Number
Bit Mnemonic
Description
7-0
EETIM
Write Timer Register
The write timer register value is required to adapt the write time to the oscillator frequency
Value = 5 * Fxtal (MHz) in normal mode, 10 * Fxtal in X2 mode.
Example : Fxtal = 33 MHZ, EETIM = 0A5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com