Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RLSI-L Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T89C51RD2-RLSI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RLSI-L Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T89C51RD2-RLSI-L Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Rev. F - 15 February, 2001
13
T89C51RD2
6.2. Dual Data Pointer Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code size.
The dual DPTR structure is a way by which the chip will specify the address of an external data memory location.
There are two 16-bit DPTR registers that address the external memory, and a single bit called
DPS = AUXR1/bit0 (See Table 3.) that allows the program code to switch between them (Refer to Figure 3).
Figure 3. Use of Dual Pointer
Table 3. AUXR1: Auxiliary Register 1
Application
Software can take advantage of the additional data pointers to both increase speed and reduce code size, for
example, block operations (copy, compare, search ...) are well served by using one data pointer as a ’source’
pointer and the other one as a "destination" pointer.
ASSEMBLY LANGUAGE
AUXR1
Address 0A2H
-
-
-
-
GF3
0
-
DPS
Reset value
X
X
X
X
0
0
X
0
Symbol
Function
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new feature. In that case, the reset value of the new bit will be 0, and its active
value will be 1. The value read from a reserved bit is indeterminate.
b.
Bit 2 stuck at 0; this allows to use INC AUXR1 to toggle DPS without changing GF3.
DPS
Data Pointer Selection.
DPS
Operating Mode
0
DPTR0 Selected
1
DPTR1 Selected
GF3
This bit is a general purpose user flagb.
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com