Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RLSI-L Datasheet(PDF) 83 Page - ATMEL Corporation

Part # T89C51RD2-RLSI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RLSI-L Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button T89C51RD2-RLSI-L Datasheet HTML 78Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 79Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 80Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 81Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 82Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 83Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 84Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 85Page - ATMEL Corporation T89C51RD2-RLSI-L Datasheet HTML 86Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
83
Rev. F - 15 February, 2001
T89C51RD2
9.5.9. FLASH EEPROM Programming and Verification Characteristics
TA =21
°Cto27°C; V
SS = 0V;
VCC =5V ± 10%.
9.5.10. FLASH EEPROM Programming and Verification Waveforms
Table 47. Flash Programming Parameters
Symbol
Parameter
Min
Max
Units
1/TCLCL
Oscillator Frquency
4
6
MHz
TEHAZ
Control to address float
48 TCLCL
TAVGL
Address Setup to PROG Low
48 TCLCL
TGHAX
Adress Hold after
PROG
48 TCLCL
TDVGL
Data Setup to PROG Low
48 TCLCL
TGHDX
Data Hold after PROG
48 TCLCL
TGLGH
PROG Width for PGMC and PGXC*
10
20
ms
TGLGH
PROG Width for PGML
48 TCLCL
TAVQV
Address to Valid Data
48 TCLCL
TELQV
ENABLE Low to Data Valid
48 TCLCL
TEHQZ
Data Float after ENABLE
0
48 TCLCL
TEHAZ
ALE/PROG
TAVGL
TDVGL
P0
P1.0-P1.7
P2.0-P2.4
P3.4-P3.5
CONTROL
SIGNALS
(ENABLE)
ADDRESS
DATA IN
TGHAX
TGHDX
TGLGH
ADDRESS
DATA OUT
TAVQV
TELQV
TEHQZ
PROGRAMMING
VERIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com