Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP23S09TESS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP23S09TESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09TESS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP23S09TESS Datasheet HTML 13Page - Microchip Technology MCP23S09TESS Datasheet HTML 14Page - Microchip Technology MCP23S09TESS Datasheet HTML 15Page - Microchip Technology MCP23S09TESS Datasheet HTML 16Page - Microchip Technology MCP23S09TESS Datasheet HTML 17Page - Microchip Technology MCP23S09TESS Datasheet HTML 18Page - Microchip Technology MCP23S09TESS Datasheet HTML 19Page - Microchip Technology MCP23S09TESS Datasheet HTML 20Page - Microchip Technology MCP23S09TESS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 17
MCP23009/MCP23S09
1.6.2
INPUT POLARITY REGISTER
This register allows the user to configure the polarity on
the corresponding GPIO port bits.
If a bit is set, the corresponding GPIO register bit will
reflect the inverted value on the pin.
REGISTER 1-2:
IPOL – INPUT POLARITY PORT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
IP7:IP0: Controls the polarity inversion of the input pins <7:0>
1
= GPIO register bit will reflect the opposite logic state of the input pin
0
= GPIO register bit will reflect the same logic state of the input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com