Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP23S09TESS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP23S09TESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09TESS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP23S09TESS Datasheet HTML 20Page - Microchip Technology MCP23S09TESS Datasheet HTML 21Page - Microchip Technology MCP23S09TESS Datasheet HTML 22Page - Microchip Technology MCP23S09TESS Datasheet HTML 23Page - Microchip Technology MCP23S09TESS Datasheet HTML 24Page - Microchip Technology MCP23S09TESS Datasheet HTML 25Page - Microchip Technology MCP23S09TESS Datasheet HTML 26Page - Microchip Technology MCP23S09TESS Datasheet HTML 27Page - Microchip Technology MCP23S09TESS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 24
© 2009 Microchip Technology Inc.
1.6.9
INTERRUPT CAPTURE REGISTER
The INTCAP register captures the GPIO port value at
the time the interrupt occurred. The register is ‘read
only’ and is updated only when an interrupt occurs. The
register will remain unchanged until the interrupt is
cleared via a read of INTCAP or GPIO.
REGISTER 1-9:
INTCAP – INTERRUPT CAPTURED VALUE FOR PORT REGISTER
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
ICP7
ICP6
ICP5
ICP4
ICP3
ICP2
ICP1
ICP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ICP7:ICP0: Reflects the logic level on the port pins at the time of interrupt due to pin change <7:0>.
1
=Logic-high
0
= Logic-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com