Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP23S09TESS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP23S09TESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09TESS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP23S09TESS Datasheet HTML 10Page - Microchip Technology MCP23S09TESS Datasheet HTML 11Page - Microchip Technology MCP23S09TESS Datasheet HTML 12Page - Microchip Technology MCP23S09TESS Datasheet HTML 13Page - Microchip Technology MCP23S09TESS Datasheet HTML 14Page - Microchip Technology MCP23S09TESS Datasheet HTML 15Page - Microchip Technology MCP23S09TESS Datasheet HTML 16Page - Microchip Technology MCP23S09TESS Datasheet HTML 17Page - Microchip Technology MCP23S09TESS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 14
© 2009 Microchip Technology Inc.
1.5
GPIO Port
The GPIO module is a general purpose 8-bit wide
bidirectional port.
The outputs are open-drain.
The GPIO module contains the data ports (GPIOn),
internal pull up resistors and the Output Latches
(OLATn).
The pull up resistors are individually configured and
can be enabled when the pin is configured as an input
or output.
Reading the GPIOn register reads the value on the
port. Reading the OLATn register only reads the
latches, not the actual value on the port.
Writing to the GPIOn register actually causes a write to
the latches (OLATn). Writing to the OLATn register
forces the associated output drivers to drive to the level
in OLATn. Pins configured as inputs turn off the
associated output driver and put it in high-impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com