Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP201IP Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP201IP
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201IP Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP201IP Datasheet HTML 10Page - Microchip Technology MCP201IP Datasheet HTML 11Page - Microchip Technology MCP201IP Datasheet HTML 12Page - Microchip Technology MCP201IP Datasheet HTML 13Page - Microchip Technology MCP201IP Datasheet HTML 14Page - Microchip Technology MCP201IP Datasheet HTML 15Page - Microchip Technology MCP201IP Datasheet HTML 16Page - Microchip Technology MCP201IP Datasheet HTML 17Page - Microchip Technology MCP201IP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MCP201
DS21730F-page 14
© 2007 Microchip Technology Inc.
2.2
DC Specifications
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBAT = 6.0V to 18.0V
TAMB = -40°C to +125°C
CLOADREG = 10 µF
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Power
IBATQ
VBAT Quiescent Operating
Current (voltage regulator
without load and transceiver)
—
0.45
1.0
mA
IVREG = 0 mA, LIN bus pin
recessive, (Note 3)
IBAT
VBAT Power-down Current
transceiver only
—
23
50
µA
CS/WAKE = High, voltage
regulator disabled
IDDQ
VREG Quiescent Operating
Current
—500
—
µA
(Note 2)
IVREG
VREG maximum output
current
——
50
mA
(Note 4)
Microcontroller Interface
VIH
High-level Input Voltage
(TXD, FAULT/SLPS)
2.0
—
VREG + 0.3
V
VIL
Low-level Input Voltage
(TXD, FAULT/SLPS)
-0.3
—
0.15 x VREG
V
IIHTXD
High-level Output Current
(TXD)
-90
—
+30
µA
Input voltage = 4V
IILTXD
Low-level Output Current
(TXD)
-150
—
-10
µA
Input voltage = 1V (though
> 50 k
Ω internal pull-up)
VIHCS/
WAKE
High-level Input Voltage
(CS/WAKE)
3.0
—
VBAT
V
Through an external current-
limiting resistor (10 k
Ω)
VILCS/
WAKE
Low-level Input Voltage
(CS/WAKE)
-0.3
—
1.0
V
IIHCS/
WAKE
High-level Input Current
(CS/WAKE)
-10
—
+80
µA
Input voltage = 4V (though
>100 k
Ω internal pull-down)
IILCS/
WAKE
Low-level Input Current
(CS/WAKE)
5
—
30
µA
Input voltage = 1V
VOHRXD
High-level Output Voltage
(RXD)
0.8
VREG
——
IOH = -4 mA
VOLRXD
Low-level Output Voltage
(RXD)
——
0.2 VREG
IOL = 4 mA
Note 1:
Internal current limited. 2.0 ms typical recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBAT, TAMB =
25C. Recovery time highly dependent on ambient temperature, package and thermal resistance).
2:
For design guidance only, not tested.
3:
This current is at the VBAT pin.
4:
The maximum power dissipation is a function of TJMAX,
ΘJA and ambient temperature TA. The maximum
allowable power dissipation at an ambient temperature is PD = (TJMAX - TA)
ΘJA. If this dissipation is
exceeded, the die temperature will rise above 150
°C and the MCP201 will go into thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com