Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP201IP Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP201IP
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201IP Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP201IP Datasheet HTML 6Page - Microchip Technology MCP201IP Datasheet HTML 7Page - Microchip Technology MCP201IP Datasheet HTML 8Page - Microchip Technology MCP201IP Datasheet HTML 9Page - Microchip Technology MCP201IP Datasheet HTML 10Page - Microchip Technology MCP201IP Datasheet HTML 11Page - Microchip Technology MCP201IP Datasheet HTML 12Page - Microchip Technology MCP201IP Datasheet HTML 13Page - Microchip Technology MCP201IP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP201
DS21730F-page 10
© 2007 Microchip Technology Inc.
FIGURE 1-5:
VOLTAGE REGULATOR OUTPUT ON POWER DIP
Note 1:
Voltage regulator on.
2:
VREG
≤ 5.5V, regulator tracks VBAT until VREG < 3.5V.
3:
VREG < 3.5V, regulator is off. If the voltage regulator should shut
off due to VREG falling below 3.5V, the VBAT must rise to 6.0V to
turn VREG back on.
4:
VREG > 4.0V, voltage regulator tracks VDD, when VREG > 4.0V.
5
3.5
3
0
VREG
V
---------------
(1)
(2) (3)
t
0
t
6
2
8
4
3.5
VBAT
V
--------------
12
(4)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com