Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP201IP Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP201IP
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201IP Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP201IP Datasheet HTML 18Page - Microchip Technology MCP201IP Datasheet HTML 19Page - Microchip Technology MCP201IP Datasheet HTML 20Page - Microchip Technology MCP201IP Datasheet HTML 21Page - Microchip Technology MCP201IP Datasheet HTML 22Page - Microchip Technology MCP201IP Datasheet HTML 23Page - Microchip Technology MCP201IP Datasheet HTML 24Page - Microchip Technology MCP201IP Datasheet HTML 25Page - Microchip Technology MCP201IP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP201
DS21730F-page 22
© 2007 Microchip Technology Inc.
FIGURE 3-4:
LOAD REGULATION REGULATOR CHANGE VS. REGULATOR LOAD CHANGE
Load Regulation
Regulator Change (mV) vs. Regulator Load Change (mA)
Regular Load Current Change (mA)
0
102030405060
dap/jx
3/3/03
30 parts
Y1004 B2
Regulator Change (mV) -40C VBAT = 14.4V
Regulator Change (mV) 125C VBAT = 18V
Regulator Change (mV) 125C VBAT = 14.4V
Regulator Change (mV) 125C VBAT = 8.0V
Regulator Change (mV) 125C VBAT = 6.0V
Regulator Change (mV) 25C VBAT = 6.0V
Regulator Change (mV) 25C VBAT = 8.0V
Regulator Change (mV) 25C VBAT = 14.4V
Regulator Change (mV) 25C VBAT = 18V
Regulator Change (mV) -40C VBAT = 6.0V
Regulator Change (mV) -40C VBAT = 8.0V
Regulator Change (mV) -40C VBAT = 18V
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com