Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPCLK4 Datasheet(PDF) 43 Page - Altera Corporation

Part # CDPCLK4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

CDPCLK4 Datasheet(HTML) 43 Page - Altera Corporation

Back Button CDPCLK4 Datasheet HTML 39Page - Altera Corporation CDPCLK4 Datasheet HTML 40Page - Altera Corporation CDPCLK4 Datasheet HTML 41Page - Altera Corporation CDPCLK4 Datasheet HTML 42Page - Altera Corporation CDPCLK4 Datasheet HTML 43Page - Altera Corporation CDPCLK4 Datasheet HTML 44Page - Altera Corporation CDPCLK4 Datasheet HTML 45Page - Altera Corporation CDPCLK4 Datasheet HTML 46Page - Altera Corporation CDPCLK4 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–9
Memory Modes
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 3–8 shows timing waveforms for read and write operations in single-port
mode with unregistered outputs. Registering the outputs of the RAM simply delays
the q output by one clock cycle.
Simple Dual-Port Mode
Simple dual-port mode supports simultaneous read and write operations to different
locations. Figure 3–9 shows the simple dual-port memory configuration.
Cyclone III device family M9K memory blocks support mixed-width configurations,
allowing different read and write port widths.
Table 3–3 lists mixed-width configurations.
Figure 3–8. Cyclone III Device Family Single-Port Mode Timing Waveforms
clk_a
wren_a
address_a
data_a
rden_a
q_a (old data)
a0
a1
AB
C
D
E
F
a0(old data)
a1(old data)
AB
D
E
q_a (new data)
AD
BC
E
F
Figure 3–9. Cyclone III Device Family Simple Dual-Port Memory (1)
Note to Figure 3–9:
(1) Simple dual-port RAM supports input or output clock mode in addition to the read or write clock mode shown.
data[]
wraddress[]
wren
byteena[]
wr_addressstall
wrclock
wrclocken
aclr
rdaddress[]
rden
q[]
rd_addressstall
rdclock
rdclocken
Table 3–3. Cyclone III Device Family M9K Block Mixed-Width Configurations (Simple Dual-Port Mode) (Part 1 of 2)
Read Port
Write Port
8192
× 1
4096
× 2
2048
× 4
1024
× 8
512
× 16
256
× 32
1024
× 9
512
× 18
256
× 36
8192 × 1
v
v
v
vvv
——
—
4096 × 2
v
v
v
vvv
——
—
2048 × 4
v
v
v
vvv
——
—
1024 × 8
v
v
v
vvv
——
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com