Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPCLK4 Datasheet(PDF) 57 Page - Altera Corporation

Part # CDPCLK4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

CDPCLK4 Datasheet(HTML) 57 Page - Altera Corporation

Back Button CDPCLK4 Datasheet HTML 53Page - Altera Corporation CDPCLK4 Datasheet HTML 54Page - Altera Corporation CDPCLK4 Datasheet HTML 55Page - Altera Corporation CDPCLK4 Datasheet HTML 56Page - Altera Corporation CDPCLK4 Datasheet HTML 57Page - Altera Corporation CDPCLK4 Datasheet HTML 58Page - Altera Corporation CDPCLK4 Datasheet HTML 59Page - Altera Corporation CDPCLK4 Datasheet HTML 60Page - Altera Corporation CDPCLK4 Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 274 page
background image
Chapter 4: Embedded Multipliers in the Cyclone III Device Family
4–5
Operational Modes
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 4–3 lists the sign of the multiplication results for the various operand sign
representations. The results of the multiplication are signed if any one of the operands
is a signed value.
Each embedded multiplier block has only one signa and one signb signal to control
the sign representation of the input data to the block. If the embedded multiplier
block has two 9 × 9 multipliers, the Data A input of both multipliers share the same
signa
signal, and the Data B input of both multipliers share the same signb signal.
You can dynamically change the signa and signb signals to modify the sign
representation of the input operands at run time. You can send the signa and signb
signals through a dedicated input register. The multiplier offers full precision,
regardless of the sign representation.
1 When the signa and signb signals are unused, the Quartus II software sets the
multiplier to perform unsigned multiplication by default.
Output Registers
You can register the embedded multiplier output using output registers in either
18- or 36-bit sections, depending on the operational mode of the multiplier. The
following control signals are available for each output register in the embedded
multiplier:
■
clock
■
clock enable
■
asynchronous clear
All input and output registers in a single embedded multiplier are fed by the same
clock, clock enable, and asynchronous clear signals.
Operational Modes
You can use an embedded multiplier block in one of two operational modes,
depending on the application needs:
■
One 18-bit × 18-bit multiplier
■
Up to two 9-bit × 9-bit independent multipliers
Table 4–3. Multiplier Sign Representation
Data A
Data B
Result
signa Value
Logic Level
signb Value
Logic Level
Unsigned
Low
Unsigned
Low
Unsigned
Unsigned
Low
Signed
High
Signed
Signed
High
Unsigned
Low
Signed
Signed
High
Signed
High
Signed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com