| Electronic Components Datasheet Search |
|
CDPCLK4 Datasheet(PDF) 163 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
CDPCLK4 Datasheet(HTML) 163 Page - Altera Corporation |
|
163 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–5 Configuration Features August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 2. Under Output programming file, from the pull-down menu, select your desired file type. 3. If you select the Programmer Object File (.pof), you must specify a configuration device, directly under the file type. 4. In the Input files to convert box, select SOF Data. 5. Click Add File to browse to the Cyclone III device family .sofs. 6. In the Convert Programming Files dialog box, select the .pof you added to SOF Data and click Properties. 7. In the SOF File Properties dialog box, turn on the Compression option. When multiple devices in Cyclone III device family are cascaded, you can selectively enable the compression feature for each device in the chain. Figure 9–2 shows a chain of two devices in Cyclone III device family. The first device has compression enabled and receives compressed bitstream from the configuration device. The second device has the compression feature disabled and receives uncompressed data. You can generate programming files for this setup from the Convert Programming Files dialog box from the File menu in the Quartus II software. Configuration Requirement The following section describes power-on-reset (POR) for Cyclone III device family. POR Circuit The POR circuit keeps the device in the reset state until the power supply voltage levels have stabilized after device power-up. After device power-up, the device does not release nSTATUS until the required voltages listed in table Table 9–4 on page 9–8 are above the POR trip point of the device. VCCINT and VCCA are monitored for brown- out conditions after device power-up. 1 VCCA is the analog power to the phase-locked loop (PLL). Figure 9–2. Compressed and Uncompressed Configuration Data in the Same Configuration File nCE GND nCEO Decompression Controller Cyclone III Device Family nCE nCEO N.C. Cyclone III Device Family Serial Configuration Device Serial Data Compressed Uncompressed VCC 10 k Ω |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |