Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPCLK4 Datasheet(PDF) 138 Page - Altera Corporation

Part # CDPCLK4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

CDPCLK4 Datasheet(HTML) 138 Page - Altera Corporation

Back Button CDPCLK4 Datasheet HTML 134Page - Altera Corporation CDPCLK4 Datasheet HTML 135Page - Altera Corporation CDPCLK4 Datasheet HTML 136Page - Altera Corporation CDPCLK4 Datasheet HTML 137Page - Altera Corporation CDPCLK4 Datasheet HTML 138Page - Altera Corporation CDPCLK4 Datasheet HTML 139Page - Altera Corporation CDPCLK4 Datasheet HTML 140Page - Altera Corporation CDPCLK4 Datasheet HTML 141Page - Altera Corporation CDPCLK4 Datasheet HTML 142Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 274 page
background image
7–16
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
High-Speed I/O Timing
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
High-Speed I/O Timing
This section discusses the timing budget, waveforms, and specifications for
source-synchronous signaling in the Cyclone III device family. Timing for
source-synchronous signaling is based on skew between the data and clock signals.
High-speed differential data transmission requires timing parameters provided by IC
vendors and requires you to consider the board skew, cable skew, and clock jitter. This
section provides information about high-speed I/O standards timing parameters in
the Cyclone III device family.
Table 7–5 lists the parameters of the timing diagram as shown in Figure 7–15.
Table 7–5. High-Speed I/O Timing Definitions
Parameter
Symbol
Description
Transmitter channel-to-channel skew (1)
TCCS
The timing difference between the fastest and slowest output
edges, including tCO variation and clock skew. The clock is
included in the TCCS measurement.
Sampling window
SW
The period of time during which the data must be valid in order
for you to capture it correctly. The setup and hold times
determine the ideal strobe position in the sampling window.
TSW =TSU +Thd + PLL jitter.
Receiver input skew margin
RSKM
RSKM is defined by the total margin left after accounting for the
sampling window and TCCS. The RSKM equation is:
Input jitter tolerance (peak-to-peak)
—
Allowed input jitter on the input clock to the PLL that is tolerable
while maintaining PLL lock.
Output jitter (peak-to-peak)
—
Peak-to-peak output jitter from the PLL.
Note to Table 7–5:
(1) The TCCS specification applies to the entire bank of differential I/O as long as the SERDES logic is placed in the logic array block (LAB) adjacent
to the output pins.
RSKM
TUI SW TCCS
–
–
2
--------------------------------------------------
=
Figure 7–15. High-Speed I/O Timing Diagram
Sampling Window (SW)
Time Unit Interval (TUI)
RSKM
TCCS
RSKM
TCCS
Internal Clock
External
Input Clock
Receiver
Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com