| Electronic Components Datasheet Search |
|
CFPRM/D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
CFPRM/D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 12 page ![]() The MCF5206e integrated microprocessor combines a ColdFire® core with several peripheral functions such as a DRAM controller, timers, parallel and serial interfaces, and system integration. This device is an enhanced version of the MCF5206, which is in production today. Not only does the MCF5206e provide a performance upgrade to the MCF5206 due to the increased 4-Kbyte I-cache, 8-Kbyte SRAM and increased frequency, but this device also integrates an additional multiply accumulate (MAC) unit, hardware divide, and two-channel DMA to the device while maintaining pin compatibility with the MCF5206. The revolutionary ColdFire architecture gives cost-sensitive, high-volume markets new levels of price and performance. Based upon the concept of variable-length RISC technology, the ColdFire core combines the architectural simplicity of conventional 32-bit RISC with a memory-saving, variable-length instruction set. In defining the ColdFire architecture for embedded processing applications, Motorola incorporated RISC architecture for peak performance and a simplified version of the variable-length instruction set found in the M68000 family for code density. By using a variable-length instruction set architecture, embedded processor designers using ColdFire processors will enjoy significant system-level advantages over conventional fixed-length RISC architectures. The denser binary code for ColdFire uses less memory than fixed-length instruction processors available. This improved code density means more efficient system memory usage for a given application, and allows for slower, less costly memory to help achieve a target price/performance level for embedded processing applications. The MCF5206e Version 2 core delivers enhanced performance while maintaining low system costs. The addition of a MAC module and hardware divide to the core increases performance of complex arithmetic functions normally used in DSP applications. To speed program execution, the on chip instruction cache and SRAM provides one-cycle access to critical code and data. The MCF5206e processor greatly reduces the time required for system design and implementation by packaging common system functions on chip and providing glueless interfaces to 8 bit, 16 bit and 32 bit DRAM, SRAM, ROM and I/O devices. The integrated peripheral functions provide high performance and flexibility. The DRAM controller supports up to 512 Mbytes of DRAM. The MCF5206e processor supports both fast page-mode and extended-data-out DRAMs. The DMA controller provides two fully programmable channels that support both single and dual addressing modes. The serial interfaces consists of two independent UARTs and a separate I2C-compatible1 Motorola bus (M-Bus interface). Two 16-bit general-purpose multimode timers provide separate input and output signals. For system protection, the processor includes a programmable 16-bit software Product Brief MCF5206EPB/D Rev.2.1, 3/2002 MCF5206e Integrated ColdFire®Microprocessor Product Brief Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Similar Part No. - CFPRM/D |
|
Similar Description - CFPRM/D |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |