Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPRM/D Datasheet (PDF) - Freescale Semiconductor, Inc

CFPRM/D Datasheet PDF - Freescale Semiconductor, Inc
Part # CFPRM/D
Download  CFPRM/D Download
File Size   274.56 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MCF5206e Integrated ColdFire Microprocessor Product Brief

CFPRM/D Datasheet (PDF)

Go To PDF Page Download Datasheet
CFPRM/D Datasheet PDF - Freescale Semiconductor, Inc

Part # CFPRM/D
Download  CFPRM/D Click to download

File Size   274.56 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MCF5206e Integrated ColdFire Microprocessor Product Brief

CFPRM/D Datasheet (HTML) - Freescale Semiconductor, Inc


CFPRM/D Product details

The MCF5206e integrated microprocessor combines a ColdFire® core with several peripheral

functions such as a DRAM controller, timers, parallel and serial interfaces, and system integration. This device is an enhanced version of the MCF5206, which is in production today. Not only does the MCF5206e provide a performance upgrade to the MCF5206 due to the increased 4-Kbyte I-cache, 8-Kbyte SRAM and increased frequency, but this device also integrates an additional multiply accumulate (MAC) unit, hardware divide, and two-channel DMA to the device while maintaining pin compatibility with the MCF5206.



Features List

The following are the primary features of the MCF5206e integrated processor:

• ColdFire Version 2 core

— Variable-length RISC

— 32-bit internal address bus with 28-bit external bus; chip select and DRAM decoding use

internal 32 bit

— 32-bit data base

— 16 user-visible 32-bit wide registers

— Supervisor and user modes for system protection

— Vector base register to relocate exception-vector table

— Optimized for high level language constructs

— 50 MIPS at 54 MHz

• Multiply accumulate

— High speed, complex arithmetic functions for signal processing applications

— Single clock issue rate with 3-stage execution pipeline

— One MAC cycle for 16x16 and 32x32 multiplies, all with 32-bit accumulate

— Four-Kbyte direct-mapped instruction cache

— Eight-Kbyte on-chip SRAM that provides one-cycle access to critical code and data

• DRAM controller

— Programmable refresh timer provides CAS before RAS refresh

— Support for 2 separate memory banks

— Support for fast page mode DRAMs and extended-data-out (EDO) DRAMs

— External bus master access

• DMA controller

— Two fully programmable channels with external request pins supporting dual-address and

single address transfers with 32-bit capability

— Two address pointers per channel that can increment or remain constant

— 16-bit transfer counter per channel

— Operand packing and unpacking

— Auto-alignment transfers for efficient block movement

— Bursting and cycle stealing

— Two clock-cycle internal access

• Two universal synchronous/asynchronous receiver/transmitters (UARTs)

— Full duplex operation

— Baud-rate generator

— Modem control signals (CTS, RTS)

— Processor-interrupt capability

• Dual 16-bit general-purpose multimode timers

— 8-bit prescaler

— Timer input and output pins

— 12 ns resolution with 54 MHz system clock

— Processor interrupt capability

• Motorola bus (M-Bus) module

— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, keypads

— Compatible with industry-standard I2C bus

— Master or slave modes supporting multiple masters

— Automatic interrupt generation with programmable level

• System interface

— Glueless bus interface to 8 bit, 16 bit, and 32 bit DRAM, SRAM, ROM, and I/O devices

— Eight programmable chip selects and programmable wait states and port sizes allowing

external bus masters to access chip selects

— Programmable external interrupts

— 8-bit general-purpose I/O interface

— System protection

– 16-bit software watchdog timer with prescaler

– Double bus fault monitor

– Bus timeout monitor

– Spurious interrupt monitor

– Programmable interrupt controller (low interrupt latency, 3 external interrupt inputs, and

programmable interrupt priority and autovector generator)

— IEEE 1149.1 test (JTAG) support

• System debug interface

— Real-time trace

— Background debug mode (BDM)

• Fully static 3.3-volt operation with 5-volt tolerant inputs

• 160-pin QFP package; pin-compatible with MCF5206




Similar Part No. - CFPRM/D

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
More results


Similar Description - CFPRM/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCF5250 MOTOROLA-SCF5250 Datasheet
767Kb / 48P
SCF5250 Integrated ColdFire Microprocessor
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
MCF5272 ColdFire Integrated Microprocessor Users Manual
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
ColdFire Microprocessor
MCF5272CVF66 FREESCALE-MCF5272CVF66 Datasheet
331Kb / 12P
MCF5272 Integrated Microprocessor Product Brief
MCF5206ECAB40 FREESCALE-MCF5206ECAB40 Datasheet
271Kb / 2P
Motorolas ColdFire MCF5206e Integrated Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
MCF547x ColdFire Microprocessor
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com