Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPRM/D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # CFPRM/D
Description  MCF5206e Integrated ColdFire Microprocessor Product Brief
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CFPRM/D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button CFPRM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc CFPRM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOTOROLA
MCF5206e Integrated ColdFire® Microprocessor Product Brief
7
MCF5206e Overview
1.1.11.4 Interrupt Controller
The interrupt controller provides user-programmable control of 3 or 7 external interrupt to any one of 7
interrupt levels and 4 priority levels. The 3 external interrupt signals can be configured as either fixed
interrupt levels 1, 4, and 7, or as a 7-level encoded interrupt. The external interrupts can also be programmed
to any one of the four priority levels within the respective interrupt levels.
1.1.11.5 System Protection
The MCF5206e processor contains a 16-bit software watchdog timer with an 8-bit prescaler. The
programmable software watchdog timer provides either a level 7 interrupt or a hardware reset on timeout.
The MCF5206e processor also contains a reset status register that indicates the cause of the last reset.
1.1.11.6 JTAG
To help with system diagnostics and testing during manufacture, the MCF5206e processor includes
dedicated user-accessible test logic that complies with the IEEE 1149.1 standard for boundary scan
testability, often referred to as Joint Test Action Group, or JTAG. For more information, refer to the IEEE
1149.1 standard.
1.1.12 System Debug Interface
The ColdFire interface supports real-time trace and background debug mode. A 4-pin background debug
mode (BDM) interface provides system debug. The BDM is a superset of the BDM interface provided on
Motorola’s 683xxx family of parts.
In real-time trace, 4 status lines provide information on processor activity in real time (PST pins). A 4-bit
wide debug data bus (DDATA) displays operand data, which helps track the machine’s dynamic execution
path as the change-of-flow instructions execute. These signals are multiplexed with the 8-bit parallel port
for application development which does not use real-time trace.
1.1.13 System Diagrams
This section includes system and pinout diagrams. Figure 2 shows the system of the MCF5206e device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com