Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46292 Datasheet(PDF) 5 Page - Rohm

Part # BD46292
Description  Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46292 Datasheet(HTML) 5 Page - Rohm

  BD46292 Datasheet HTML 1Page - Rohm BD46292 Datasheet HTML 2Page - Rohm BD46292 Datasheet HTML 3Page - Rohm BD46292 Datasheet HTML 4Page - Rohm BD46292 Datasheet HTML 5Page - Rohm BD46292 Datasheet HTML 6Page - Rohm BD46292 Datasheet HTML 7Page - Rohm BD46292 Datasheet HTML 8Page - Rohm BD46292 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet
Datasheet
5/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
●Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C) - continued
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Operating Voltage Range
VOPL
VOL
≤0.4V, RL=470kΩ, Ta=25 to 105°C
0.95
-
-
V
VOL
≤0.4V, RL=470kΩ, Ta=-40 to 25°C
1.20
-
-
‘High’ Output Voltage (Pch)
VOH
VDD=4.8V, ISOURCE= 1.0 mA, VDET(2.3V to 4.2V)
VDD-0.5
-
-
V
VDD=6.0V, ISOURCE= 1.2 mA, VDET(4.3V to 4.8V)
VDD-0.5
-
-
‘Low’Output Voltage (Nch)
VOL
VDD=1.2V, ISINK = 0.45 mA
-
-
0.3
V
VDD=2.4V, ISINK = 1.3 mA, VDET(2.7V to 4.8V)
-
-
0.3
Leak Current when OFF
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
ER Pin ‘H’ Voltage
VEH
*1
2.0
-
-
V
ER Pin ‘L’ Voltage
VEL
*1
-
-
0.8
V
ER Pin Input Current
IEL
-
1
10
µA
VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step)
RL :Pull-up resistor to be connected between VOUT and power supply.
CL :Capacitor to be connected between VOUT and GND.
*1
Guarantee is Ta=25°C.
Attention: Please connect the GND when you don’t use ‘ER’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com