Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46292 Datasheet(PDF) 2 Page - Rohm

Part # BD46292
Description  Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46292 Datasheet(HTML) 2 Page - Rohm

  BD46292 Datasheet HTML 1Page - Rohm BD46292 Datasheet HTML 2Page - Rohm BD46292 Datasheet HTML 3Page - Rohm BD46292 Datasheet HTML 4Page - Rohm BD46292 Datasheet HTML 5Page - Rohm BD46292 Datasheet HTML 6Page - Rohm BD46292 Datasheet HTML 7Page - Rohm BD46292 Datasheet HTML 8Page - Rohm BD46292 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Datasheet
Datasheet
2/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
●Ordering Information
●Lineup
Table 1. Open Drain Output Type
Counter Timer Delay Time Settings
50ms
100ms
200ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
T0
BD45485
TS
BD45481
UJ
BD45482
4.7V
T1
BD45475
TT
BD45471
UK
BD45472
4.6V
T2
BD45465
TU
BD45461
UL
BD45462
4.5V
T3
BD45455
TV
BD45451
UM
BD45452
4.4V
T4
BD45445
TW
BD45441
UN
BD45442
4.3V
T5
BD45435
TX
BD45431
UP
BD45432
4.2V
T6
BD45425
TY
BD45421
UQ
BD45422
4.1V
T7
BD45415
TZ
BD45411
UR
BD45412
4.0V
T8
BD45405
U0
BD45401
US
BD45402
3.9V
T9
BD45395
U1
BD45391
UT
BD45392
3.8V
TA
BD45385
U2
BD45381
UU
BD45382
3.7V
TB
BD45375
U3
BD45371
UV
BD45372
3.6V
TC
BD45365
U4
BD45361
UW
BD45362
3.5V
TD
BD45355
U5
BD45351
UX
BD45352
3.4V
TE
BD45345
U6
BD45341
UY
BD45342
3.3V
TF
BD45335
U7
BD45331
UZ
BD45332
3.2V
TG
BD45325
U8
BD45321
V0
BD45322
3.1V
TH
BD45315
U9
BD45311
V1
BD45312
3.0V
TJ
BD45305
UA
BD45301
V2
BD45302
2.9V
TK
BD45295
UB
BD45291
V3
BD45292
2.8V
TL
BD45285
UC
BD45281
V4
BD45282
2.7V
TM
BD45275
UD
BD45271
V5
BD45272
2.6V
TN
BD45265
UE
BD45261
V6
BD45262
2.5V
TP
BD45255
UF
BD45251
V7
BD45252
2.4V
TQ
BD45245
UG
BD45241
V8
BD45242
2.3V
TR
BD45235
UH
BD45231
V9
BD45232
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
S
S
B
D
xxxx
x
x
-
T
R
Part
Output Type
Reset Voltage Value Counter Timer
Package
Packaging and
Number
45 : Open Drain
23 : 2.3V
Delay Time Settings G : SSOP5
forming specification
46 : CMOS
0.1V step 5 : 50ms
TR : Embossed tape
48 : 4.8V
1 : 100ms
and reel
2 : 200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com