Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46292 Datasheet(PDF) 3 Page - Rohm

Part # BD46292
Description  Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46292 Datasheet(HTML) 3 Page - Rohm

  BD46292 Datasheet HTML 1Page - Rohm BD46292 Datasheet HTML 2Page - Rohm BD46292 Datasheet HTML 3Page - Rohm BD46292 Datasheet HTML 4Page - Rohm BD46292 Datasheet HTML 5Page - Rohm BD46292 Datasheet HTML 6Page - Rohm BD46292 Datasheet HTML 7Page - Rohm BD46292 Datasheet HTML 8Page - Rohm BD46292 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Datasheet
Datasheet
3/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
●Lineup - continued
Table 2. CMOS Output Type
Counter Timer Delay Time Settings
50ms
100ms
200ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
VA
BD46485
W2
BD46481
WU
BD46482
4.7V
VB
BD46475
W3
BD46471
WV
BD46472
4.6V
VC
BD46465
W4
BD46461
WW
BD46462
4.5V
VD
BD46455
W5
BD46451
WX
BD46452
4.4V
VE
BD46445
W6
BD46441
WY
BD46442
4.3V
VF
BD46435
W7
BD46431
WZ
BD46432
4.2V
VG
BD46425
W8
BD46421
X0
BD46422
4.1V
VH
BD46415
W9
BD46411
X1
BD46412
4.0V
VJ
BD46405
WA
BD46401
X2
BD46402
3.9V
VK
BD46395
WB
BD46391
X3
BD46392
3.8V
VL
BD46385
WC
BD46381
X4
BD46382
3.7V
VM
BD46375
WD
BD46371
X5
BD46372
3.6V
VN
BD46365
WE
BD46361
X6
BD46362
3.5V
VP
BD46355
WF
BD46351
X7
BD46352
3.4V
VQ
BD46345
WG
BD46341
X8
BD46342
3.3V
VR
BD46335
WH
BD46331
X9
BD46332
3.2V
VS
BD46325
WJ
BD46321
XA
BD46322
3.1V
VT
BD46315
WK
BD46311
XB
BD46312
3.0V
VU
BD46305
WL
BD46301
XC
BD46302
2.9V
VV
BD46295
WM
BD46291
XD
BD46292
2.8V
VW
BD46285
WN
BD46281
XE
BD46282
2.7V
VX
BD46275
WP
BD46271
XF
BD46272
4.8V
VY
BD46265
WQ
BD46261
XG
BD46262
4.7V
VZ
BD46255
WR
BD46251
XH
BD46252
4.6V
W0
BD46245
WS
BD46241
XJ
BD46242
4.5V
W1
BD46235
WT
BD46231
XK
BD46232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com