Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZACG Datasheet(PDF) 49 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZACG
Description  High-Performance 8-Bit Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZACG Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZACG Datasheet HTML 45Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 46Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 47Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 48Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 49Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 50Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 51Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 52Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 282 page
background image
PS022827-1212
P R E L I M I N A R Y
Low-Power Modes
Z8 Encore! XP® F082A Series
Product Specification
32
Low-Power Modes
The Z8 Encore! XP F082A Series products contain power-saving features. The highest
level of power reduction is provided by the STOP Mode, in which nearly all device func-
tions are powered down. The next lower level of power reduction is provided by the
HALT Mode, in which the CPU is powered down.
Further power savings can be implemented by disabling individual peripheral blocks
while in Active mode (defined as being in neither STOP nor HALT Mode).
STOP Mode
Executing the eZ8 CPU’s STOP instruction places the device into STOP Mode, powering
down all peripherals except the Voltage Brown-Out detector, the Low-power Operational
Amplifier and the Watchdog Timer. These three blocks may also be disabled for additional
power savings. Specifically, the operating characteristics are:
•
Primary crystal oscillator and internal precision oscillator are stopped; XIN and XOUT
(if previously enabled) are disabled and PA0/PA1 revert to the states programmed by
the GPIO registers
•
System clock is stopped
•
eZ8 CPU is stopped
•
Program counter (PC) stops incrementing
•
Watchdog Timer’s internal RC oscillator continues to operate if enabled by the Oscil-
lator Control Register
•
If enabled, the Watchdog Timer logic continues to operate
•
If enabled for operation in STOP Mode by the associated Flash option bit, the Voltage
Brown-Out protection circuit continues to operate
•
Low-power operational amplifier continues to operate if enabled by the Power Control
Register
•
All other on-chip peripherals are idle
To minimize current in STOP Mode, all GPIO pins that are configured as digital inputs
must be driven to one of the supply rails (VCC or GND). Additionally, any GPIOs config-
ured as outputs must also be driven to one of the supply rails. The device can be brought
out of STOP Mode using Stop Mode Recovery. For more information about Stop Mode
Recovery, see the Reset, Stop Mode Recovery and Low Voltage Detection chapter on
page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com