| Electronic Components Datasheet Search |
|
ZUSBOPTSC01ZACG Datasheet(PDF) 13 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZUSBOPTSC01ZACG Datasheet(HTML) 13 Page - Zilog, Inc. |
|
13 / 282 page ![]() PS022827-1212 P R E L I M I N A R Y List of Tables Z8 Encore! XP® F082A Series Product Specification xiii List of Tables Table 1. Z8 Encore! XP F082A Series Family Part Selection Guide . . . . . . . . . . . . . 2 Table 2. Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Table 3. Pin Characteristics (20- and 28-pin Devices) . . . . . . . . . . . . . . . . . . . . . . . 13 Table 4. Pin Characteristics (8-Pin Devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Table 5. Z8 Encore! XP F082A Series Program Memory Maps . . . . . . . . . . . . . . . . 16 Table 6. Z8 Encore! XP F082A Series Flash Memory Information Area Map . . . . . 17 Table 7. Register File Address Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Table 8. Reset and Stop Mode Recovery Characteristics and Latency . . . . . . . . . . . 23 Table 9. Reset Sources and Resulting Reset Type . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Table 10. Stop Mode Recovery Sources and Resulting Action . . . . . . . . . . . . . . . . . . 28 Table 11. Reset Status Register (RSTSTAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Table 12. Reset and Stop Mode Recovery Bit Descriptions . . . . . . . . . . . . . . . . . . . . 31 Table 13. Power Control Register 0 (PWRCTL0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 Table 14. Port Availability by Device and Package Type . . . . . . . . . . . . . . . . . . . . . . 36 Table 15. Port Alternate Function Mapping (Non 8-Pin Parts) . . . . . . . . . . . . . . . . . . 40 Table 16. Port Alternate Function Mapping (8-Pin Parts) . . . . . . . . . . . . . . . . . . . . . . 43 Table 17. GPIO Port Registers and Subregisters . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 Table 18. Port A–D GPIO Address Registers (PxADDR) . . . . . . . . . . . . . . . . . . . . . 45 Table 19. Port A–D GPIO Address Registers by Bit Description . . . . . . . . . . . . . . . . 45 Table 20. Port A–D Control Registers (PxCTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46 Table 21. Port A–D Data Direction Subregisters (PxDD) . . . . . . . . . . . . . . . . . . . . . . 46 Table 22. Port A–D Alternate Function Subregisters (PxAF) . . . . . . . . . . . . . . . . . . . 47 Table 23. Port A–D Output Control Subregisters (PxOC) . . . . . . . . . . . . . . . . . . . . . 48 Table 24. Port A–D High Drive Enable Subregisters (PxHDE) . . . . . . . . . . . . . . . . . 48 Table 25. Port A–D Stop Mode Recovery Source Enable Subregisters (PxSMRE) . . 49 Table 26. Port A–D Pull-Up Enable Subregisters (PxPUE) . . . . . . . . . . . . . . . . . . . . 50 Table 27. Port A–D Alternate Function Set 2 Subregisters (PxAFS2) . . . . . . . . . . . . 51 Table 28. Port A–D Alternate Function Set 1 Subregisters (PxAFS1) . . . . . . . . . . . . 51 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |