Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUSBOPTSC01ZACG Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZUSBOPTSC01ZACG
Description  High-Performance 8-Bit Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZUSBOPTSC01ZACG Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZUSBOPTSC01ZACG Datasheet HTML 17Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 18Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 19Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 20Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 21Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 22Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 23Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 24Page - Zilog, Inc. ZUSBOPTSC01ZACG Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 282 page
background image
PS022827-1212
P R E L I M I N A R Y
CPU and Peripheral Overview
Z8 Encore! XP® F082A Series
Product Specification
4
CPU and Peripheral Overview
The eZ8 CPU, Zilog’s latest 8-bit Central Processing Unit (CPU), meets the continuing
demand for faster and more code-efficient microcontrollers. The eZ8 CPU executes a
superset of the original Z8 instruction set. The features of eZ8 CPU include:
•
Direct register-to-register architecture allows each register to function as an
accumulator, improving execution time and decreasing the required program
memory
•
Software stack allows much greater depth in subroutine calls and interrupts than
hardware stacks
•
Compatible with existing Z8 code
•
Expanded internal Register File allows access of up to 4 KB
•
New instructions improve execution efficiency for code developed using higher-
level programming languages, including C
•
Pipelined instruction fetch and execution
•
New instructions for improved performance including BIT, BSWAP, BTJ, CPC,
LDC, LDCI, LEA, MULT and SRL
•
New instructions support 12-bit linear addressing of the Register File
•
Up to 10 MIPS operation
•
C-Compiler friendly
•
2 to 9 clock cycles per instruction
For more information about eZ8 CPU, refer to the eZ8 CPU Core User Manual
(UM0128), which is available for download on www.zilog.com.
10-Bit Analog-to-Digital Converter
The optional analog-to-digital converter (ADC) converts an analog input signal to a 10-bit
binary number. The ADC accepts inputs from eight different analog input pins in both sin-
gle-ended and differential modes. The ADC also features a unity gain buffer when high
input impedance is required.
Low-Power Operational Amplifier
The optional low-power operational amplifier (LPO) is a general-purpose amplifier pri-
marily targeted for current sense applications. The LPO output may be routed internally to
the ADC or externally to a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com