Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC16FS Datasheet(PDF) 3 Page - Analog Devices

Part # DAC16FS
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16FS Datasheet(HTML) 3 Page - Analog Devices

  DAC16FS Datasheet HTML 1Page - Analog Devices DAC16FS Datasheet HTML 2Page - Analog Devices DAC16FS Datasheet HTML 3Page - Analog Devices DAC16FS Datasheet HTML 4Page - Analog Devices DAC16FS Datasheet HTML 5Page - Analog Devices DAC16FS Datasheet HTML 6Page - Analog Devices DAC16FS Datasheet HTML 7Page - Analog Devices DAC16FS Datasheet HTML 8Page - Analog Devices DAC16FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DAC16
REV. B
–3–
CAUTION
1. Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this
specification is not implied. Exposure to the above maximum
rating conditions for extended periods may affect device
reliability.
2. Digital inputs and outputs are protected; however, perma-
nent damage may occur on unprotected units from high en-
ergy electrostatic fields. Keep units in conductive foam or
packaging at all times until ready to use. Use proper anti-
static handling procedures.
3. Remove power before inserting or removing units from their
sockets.
PIN CONFIGURATION
24-Lead DIP (P, S)
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DAC16
IREF
CCOMP
DGND
VCC
DB15 (MSB)
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
IOUT
AGND
REF GND
VEE
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
PIN DESCRIPTION
Pin
(P, S) Name
Description
1IREF
Reference Current Input
2
DGND
Digital Ground
3VCC
+5 V Digital Supply
4–19
DB15–DB0 16-Bit Digital Input Bus. DB15 is the MSB.
20
VEE
–15 V Analog Supply
21
REF GND
Reference Current Return
22
AGND
Analog Ground/Output Reference
23
IOUT
Current Output
24
CCOMP
Current Ladder Compensation
ORDERING GUIDE
Model
Grade DNL (max)
Temperature Ranges
Package Descriptions
Package Options
DAC16GS
±10°C to +70°C
24-Lead SOL
R-24
DAC16FP
±2
–40
°C to +85°C
24-Lead PDIP
N-24
DAC16FS
±2
–40
°C to +85°C
24-Lead SOL
R-24
DAC16GBC
±1
+25
°CDie
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C unless otherwise noted)
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +25.0 V
VCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7.0 V
VEE to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –18.0 V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +0.3 V
REF GND to AGND . . . . . . . . . . . . . . . . . . . –0.3 V, +1.0 V
IREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 mA
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 8 mA
Digital Input Voltage to DGND . . . . . . . . . . . . . . . . . . .
≤V
CC
Operating Temperature Range
FP, FS . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
GS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
θ
JA
1
θ
JC
Units
24-Lead Plastic DIP (P)
62
32
°C/W
24-Lead Plastic SOL (S)
70
22
°C/W
NOTE
1
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for
device in socket.
DICE CHARACTERISTICS
VCC
DGND
IREF CCOMP IOUT AGND
REF GND
VEE
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15 (MSB)
Die Size 0.129 x 0.153 inch, 19,737 sq. mils
(3.277 x 3.886 mm, 12.73 sq. mm)
The DAC16 Contains 330 Transistors.
Substrate is VEE Polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com