Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC16FS Datasheet(PDF) 9 Page - Analog Devices

Part # DAC16FS
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16FS Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC16FS Datasheet HTML 4Page - Analog Devices DAC16FS Datasheet HTML 5Page - Analog Devices DAC16FS Datasheet HTML 6Page - Analog Devices DAC16FS Datasheet HTML 7Page - Analog Devices DAC16FS Datasheet HTML 8Page - Analog Devices DAC16FS Datasheet HTML 9Page - Analog Devices DAC16FS Datasheet HTML 10Page - Analog Devices DAC16FS Datasheet HTML 11Page - Analog Devices DAC16FS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DAC16
REV. B
–9–
Table IV. Bipolar Output Operation vs. Digital Input Code
Digital Input
Decimal Number in
Analog Output
Word (Hex)
DAC Decoder
Voltage (V)
0000
65,535
4.999848
7FFE
32,769
152E-6
7FFF
32,768
0
8000
32,767
–152E-6
FFFF
0
–5.00000
74AC11377
REF GND
R1
5k
IREF
+15V
0.1 F
REF02
22 F
R2
5k
DAC16
CCOMP
47 F
IOUT
AGND
100nF
CERAMIC
–15V
10 F
0.1 F
+5V
DIGITAL +5V
PIN 3, DAC16
OP97A
10 F
0.1 F
+15V
10 F
0.1 F
–15V
VOUT
0V TO +10V FS
10 F
0.1 F
–15V
R3
2.5k
(5k
2)
88
CLK
EN
74AC11377
DB0 – DB7
DB8 – DB15
DIGITAL INPUT WORD
RESISTORS:
CADDOCK T912–5K–010–02 (OR EQUIVALENT)
5k , 0.01%, TC TRACK = 2 ppm/ C
Figure 24. Unipolar Circuit Configuration
VOUT
5V FS
74AC11377
REF GND
R1
5k
IREF
+15
V
0.1 F
REF02
22 F
R2
5k
DAC16
CCOMP
47 F
IOUT
AGND
100nF
CERAMIC
–15V
10 F
0.1 F
+5V
DIGITAL +5V
PIN 3, DAC16
OP97A
10 F
0.1 F
+15V
10 F
0.1 F
–15V
10 F
0.1 F
–15V
R3
2.5k
(5k
2)
88
CLK
EN
74AC11377
DB0 – DB7
DB8 – DB15
DIGITAL INPUT WORD
RESISTORS:
CADDOCK T912–5K–010–02 (OR EQUIVALENT)
5k
, 0.01%, TC TRACK = 2 ppm/ C
R4
2.5k
(5k
2)
+5VREF
+5VREF
Figure 25. Bipolar Circuit Configuration
Bipolar Configuration
For applications that require a bipolar output voltage, the circuit
in Figure 24 can be modified slightly by adding a resistor from
the reference to the inverting sum node of the output amplifier
to level shift the output signal. The transfer equation for the cir-
cuit now becomes:
V
O = R 4 × 8 × IREF
65,535 –
Digital Code
65,536
–
V
REF ×
R4
R3


The circuit has the form shown in Figure 25, and Table IV pro-
vides the relationship between the digital input code and the
circuit’s output voltage for the component values shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com