Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC16FS Datasheet(PDF) 5 Page - Analog Devices

Part # DAC16FS
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16FS Datasheet(HTML) 5 Page - Analog Devices

  DAC16FS Datasheet HTML 1Page - Analog Devices DAC16FS Datasheet HTML 2Page - Analog Devices DAC16FS Datasheet HTML 3Page - Analog Devices DAC16FS Datasheet HTML 4Page - Analog Devices DAC16FS Datasheet HTML 5Page - Analog Devices DAC16FS Datasheet HTML 6Page - Analog Devices DAC16FS Datasheet HTML 7Page - Analog Devices DAC16FS Datasheet HTML 8Page - Analog Devices DAC16FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Digital Input Considerations
The threshold of the DAC16’s digital input circuitry is set at
1.4 V, independent of supply voltage. Hence, the digital inputs
can interface with any type of 5 V logic. Illustrated in Figure 5 is
the equivalent circuit of the digital inputs. Note that the indi-
vidual input capacitance is approximately 7 pF.
Q3
Q2
Q1
R2
75k
R1
20k
R3
28k
TO DAC
SWITCH
+5V
+0.7V
–15V
–0.7V
DBX
Figure 5. Equivalent Circuit of a DAC16 Digital Input
This input capacitance can be used in conjunction with an ex-
ternal R-C circuit for digital signal deskewing, if required. In
applications where some of the DAC16’s digital inputs are
not used, the recommended procedure to turn off one or more
inputs is to connect each input line to +5 V as shown in
Figure 6.
DB0
DB1
+5V
DAC16
Figure 6. Handling Unused DAC16 Digital Inputs
Typical Performance Characteristics–DAC16
REV. B
–5–
REFERENCE CURRENT – mA
–2.0
0.2
0.3
0.4
0.5
0.6
0.7
VCC = +5V
VEE = –15V
TA = +25 C
–DNL
+DNL
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 8. Differential Nonlinearity
vs. IREF
TEMPERATURE – C
–40
–4
–20
0
20406080
–2
0
2
4
VCC = +5V
VEE = –15V
IREF = 0.5mA
+INL
–INL
Figure 11. Integral Nonlinearity
vs. Temperature
TEMPERATURE – C
1.0
–40
0.8
0.6
0.4
0.2
0
–20
0
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
Figure 9. Zero Scale Output vs.
Temperature
TEMPERATURE – C
–40
–1.5
–20
0
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
–1.0
–0.5
0
0.5
1.5
1.0
+DNL
–DNL
Figure 12. Differential Nonlinearity
vs. Temperature
REFERENCE CURRENT – mA
–4
0.2
–3
–2
–1
0
1
2
3
4
0.3
0.4
0.5
0.6
0.7
VCC = +5V
VEE = –15V
TA = +25 C
–INL
+INL
Figure 7. Integral Nonlinearity vs. IREF
TEMPERATURE – C
–40
–15
–20
0
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
–10
–5
0
5
15
10
Figure 10. Gain Error vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com