Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9873JS Datasheet(PDF) 32 Page - Analog Devices

Part # AD9873JS
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873JS Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9873JS Datasheet HTML 28Page - Analog Devices AD9873JS Datasheet HTML 29Page - Analog Devices AD9873JS Datasheet HTML 30Page - Analog Devices AD9873JS Datasheet HTML 31Page - Analog Devices AD9873JS Datasheet HTML 32Page - Analog Devices AD9873JS Datasheet HTML 33Page - Analog Devices AD9873JS Datasheet HTML 34Page - Analog Devices AD9873JS Datasheet HTML 35Page - Analog Devices AD9873JS Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
REV. 0
AD9873
–32–
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
26
25
28
27
30
29
76
77
78
79
74
75
72
73
70
71
80
65
66
67
68
63
64
61
62
59
60
69
57
58
55
56
53
54
51
52
MQFP
TOP VIEW
(Pins Down)
AGND IQ
I IN+
I IN–
AGND IQ
REFT8
REFB8
AGND IQ
AVDD IQ
DRVDD
REF CLK
DRGND
DGND SD
SDELTA0
SDELTA1
DVDD SD
CA_ENABLE
CA DATA
CA CLK
DVDD OSC
OSCIN
XTAL
DGND OSC
AGND PLL
PLL FILTER
AVDD PLL
DVDD PLL
DGND PLL
AVDD Tx
Tx+
Tx–
DRGND
DRVDD
(MSB) IF(11)
IF(10)
IF(9)
IF(8)
IF(7)
IF(6)
IF(5)
IF(4)
IF(3)
IF(2)
IF(1)
IF(0)
(MSB) Rx IQ(3)
Rx IQ(2)
Rx IQ(1)
Rx IQ(0)
Rx SYNC
DRGND
DRVDD
MLCK
DVDD
DGND
Tx SYNC
(MSB) Tx IQ(5)
Tx IQ(4)
Tx IQ(3)
Tx IQ(2)
AD9873
AVDD
0.1 F
10 F
0.01 F
0.1 F 0.01 F
0.01 F
0.1 F
0.1 F
0.1 F
10 F
0.01 F
10 F
0.1 F
0.1 F
10 F
0.1 F
0.1 F
0.1 F
0.1 F10 F0.1 F
0.1 F
EXTERNAL
POWER SUPPLY
DECOUPLING
DGND
Tx GND
OSC GND
AGND IQ
AGND
VAS
VDS
VDR
0.1 F
0.1 F
10 F
0.1 F
10 F
Figure 24. Power Supply Decoupling
POWER AND GROUNDING CONSIDERATIONS
In systems seeking to simultaneously achieve high speed and high
performance, the implementation and construction of the printed
circuit board design is often as important as the circuit design.
Proper RF techniques must be used in device selection, placement,
routing, supply bypassing, and grounding. Figure 24 illustrates
proper power supply decoupling. Split-ground technique can
be used to isolate digital and high-speed clock generation noise
from the analog front ends. The analog front end may be
further split to minimize crosstalk between the transmit and
receive sections. Noise-sensitive video-IF signals can also be
separated from the more robust IQ-ADC signal path. One com-
mon ground underneath the chip connects all ground splits and
assures short distances for ground pin connections. Figure 24
uses two separate power supplies. VAS powers the analog and
clock generation section of the chip while VDS is used for the
digital signals of the chip. An extra power supply VDR is only
needed in applications that require lower level digital outputs.
DRVDD and DVDD pins should be connected together for normal
mode. VDS (and VDR) should not be directly connected to the
power supply of noisy digital signal processing chips. It might
even be considered as an analog supply. Ferrite beads and 10 F
decoupling capacitors isolate power supplies between functional
blocks. Each supply pin is further decoupled with a 0.1 F multi-
layer ceramic capacitor that is mounted as close as possible to
the pin. In the high-speed PLL and DAC sections additional
0.01
F capacitors may be required as shown in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com