Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321MP Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 38Page - STMicroelectronics STA321MP Datasheet HTML 39Page - STMicroelectronics STA321MP Datasheet HTML 40Page - STMicroelectronics STA321MP Datasheet HTML 41Page - STMicroelectronics STA321MP Datasheet HTML 42Page - STMicroelectronics STA321MP Datasheet HTML 43Page - STMicroelectronics STA321MP Datasheet HTML 44Page - STMicroelectronics STA321MP Datasheet HTML 45Page - STMicroelectronics STA321MP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Registers
STA321MP
42/50
Doc ID 022647 Rev 1
7.5
Writing a single coefficient to RAM
1.
Write the top 2 bits of the address to I2C register 0x3B
2.
Write the bottom 8 bits of the address to I2C register 0x3C
3.
Write the top 8 bits of the coefficient in I2C address 0x3D
4.
Write the middle 8 bits of the coefficient in I2C address 0x3E
5.
Write the bottom 8 bits of the coefficient in I2C address 0x3F
6.
Write 1 to the W1 bit in I2C address 0x4C
7.6
Writing a set of coefficients to RAM
1.
Write the top 2 bits of the starting address to I2C register 0x3B
2.
Write the bottom 8 bits of the starting address to I2C register 0x3C
3.
Write the top 8 bits of coefficient b1 in I2C address 0x3D
4.
Write the middle 8 bits of coefficient b1 in I2C address 0x3E
5.
Write the bottom 8 bits of coefficient b1 in I2C address 0x3F
6.
Write the top 8 bits of coefficient b2 in I2C address 0x40
7.
Write the middle 8 bits of coefficient b2 in I2C address 0x41
8.
Write the bottom 8 bits of coefficient b2 in I2C address 0x42
9.
Write the top 8 bits of coefficient a1 in I2C address 0x43
10. Write the middle 8 bits of coefficient a1 in I2C address 0x44
11. Write the bottom 8 bits of coefficient a1 in I2C address 0x45
12. Write the top 8 bits of coefficient a2 in I2C address 0x46
13. Write the middle 8 bits of coefficient a2 in I2C address 0x47
14. Write the bottom 8 bits of coefficient a2 in I2C address 0x48
15. Write the top 8 bits of coefficient b0 in I2C address 0x49
16. Write the middle 8 bits of coefficient b0 in I2C address 0x4A
17. Write the bottom 8 bits of coefficient b0 in I2C address 0x4B
18. Write 1 to the WA bit in I2C address 0x4C
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side-effects.
When using this technique, the 10-bit address specifies the address of the biquad b1
coefficient (for example, decimals 0, 5, 10, 15, …, 100, … 395), and the STA321MP will
generate the RAM addresses as offsets from this base value to write the complete set of
coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com