| Electronic Components Datasheet Search |
|
STA321MP Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MP Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 50 page ![]() STA321MP Registers Doc ID 022647 Rev 1 35/50 7.2.31 Mix internal channel loop-through (0x29) Each internal processing channel can receive two possible sets of inputs at the inputs to the Mix#1 block. The inputs can come from the outputs of the interpolation block as normally occurs (CnMXLP = 0) or they can come from the outputs of the Mix#2 block. This enables the use of additional filtering after the second mix block at the expense of losing this processing capability on the channel. 7.2.32 EQ bypass (0x2A) EQ control can be bypassed on a per-channel basis. If EQ control is bypassed on a given channel the prescale and all 10 filters (high-pass, biquads, de-emphasis, bass management cross-over, bass, treble in any combination) are bypassed for that channel. 7.2.33 Tone control bypass (0x2B) Tone control (bass/treble) can be bypassed on a per-channel basis. If tone control is bypassed on a given channel the two filters that tone control utilizes are made available as user programmable biquads #9 and #10. D7 D6 D5 D4 D3 D2 D1 D0 C8MXLP C7MXLP C6MXLP C5MXLP C4MXLP C3MXLP C2MXLP C1MXLP 00 00 00 0 0 Bit RW RST Name Description 7:0 RW 0 CnMXLP For n = 1 to 8: 0: inputs to channel n MIX#1 engine from interpolation outputs - normal operation 1: inputs to channel n MIX#1 engine from MIX#2 engine outputs - loop operation D7 D6 D5 D4 D3 D2 D1 D0 C8EQBP C7EQBP C6EQBP C5EQBP C4EQCBP C3EQBP C2EQBP C1EQBP 00 00 00 0 0 Bit RW RST Name Description 7:0 RW 0 CnEQBP For n = 1 to 8: 0: perform EQ on channel n - normal operation 1: bypass EQ on channel n D7 D6 D5 D4 D3 D2 D1 D0 C8TCB C7TCB C6TCB C5TCB C4TCB C3TCB C2TCB C1TCB 00 00 00 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |