Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321MP Datasheet (PDF) - STMicroelectronics

STA321MP Datasheet PDF - STMicroelectronics
Part # STA321MP
Download  STA321MP Download
File Size   715.61 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Scalable digital microphone processor

STA321MP Datasheet (PDF)

Go To PDF Page Download Datasheet
STA321MP Datasheet PDF - STMicroelectronics

Part # STA321MP
Download  STA321MP Click to download

File Size   715.61 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Scalable digital microphone processor

STA321MP Datasheet (HTML) - STMicroelectronics


STA321MP Product details

Description
The STA321MP is a PDM high-performance multichannel processor with ultra-low quiescent current designed for general-purpose digital microphone applications. The device is fully digital and is comprised of three main sections. The first section is the PDM input interface which can
accept up to six serial digital inputs. The second section is a high-quality audio processor allowing
flexible channel mixing/muxing and provides up to 10 biquads for general sound equalization and
voice enhancement with independent volume control.

Features
■ 8 digital processing channels each 24-bit
– 6 channels of PDM input
– 2 additional virtual channels
■ >100 dB SNR and dynamic range
■ Digital gain/attenuation +58 dB to -100 dB in 0.5 dB steps
■ Soft volume update
■ Individual channel and master level control
■ Up to 10 independent 32-bit user
programmable biquads (EQ) per channel
■ Bass/treble tone control
■ Pre- and post-EQ full 8-channel input mix on all 8 channels
■ Dual independent limiters/compressors
■ Dynamic range compression or anti-clipping modes
■ Individual channel and master soft/hard mute
■ 3 I2S data outputs
■ I2S data output channel mapping function
■ Independent channel volume and DSP bypass
■ Channel mapping of any input to any processing channel




Similar Part No. - STA321MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
STA321MPL1TR STMICROELECTRONICS-STA321MPL1TR Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
More results


Similar Description - STA321MP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
logo
Knowles Electronics
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
Digital Zero-Height SiSonicTM Microphone
SPM0423HD4H-WB KNOWLES-SPM0423HD4H-WB Datasheet
884Kb / 13P
Digital SiSonicTM Microphone
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
Digital SiSonicTM Microphone
SPM0437HD4H-B KNOWLES-SPM0437HD4H-B Datasheet
909Kb / 13P
Digital SiSonicTM Microphone
SPM1437HM4H-B KNOWLES-SPM1437HM4H-B Datasheet
981Kb / 13P
Digital SiSonicTM Microphone
SPH0645LM4H-B KNOWLES-SPH0645LM4H-B Datasheet
1Mb / 12P
I2S Output Digital Microphone
logo
STMicroelectronics
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
logo
DFI Inc
PR810-C622 DFI-PR810-C622 Datasheet
755Kb / 2P
1st/2nd Gen Intel Xeon Scalable Processor Family EATX
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
Microphone Array ASR-assist Audio Processor
Revision 4.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com