| Electronic Components Datasheet Search |
|
TNETX4080 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) MII management interface TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR DESCRIPTION MDCLK K26 O Pullup Serial MII management data clock. Disabled [high-impedance (Z) state] through the use of the serial input/output (SIO) register. An internal pullup resistor is provided. MDIO K25 I/O Pullup Serial MII management data input/output. Disabled [high-impedance (Z) state] through the use of the SIO register. An internal pullup resistor is provided. MRESET K24 O Pullup Serial MII management reset. Disabled [high-impedance (Z) state] through the use of the SIO register. An internal pullup resistor is provided. RDRAM interface TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR DESCRIPTION DBUS_CTL Y26 O None Bus control. Controls signal-to-frame packets, transmits part of the operation code, initiates data transfers, and terminates data transfers. This is a rambus signal logic (RSL) signal (see Note 1). DBUS_DATA0 DBUS_DATA1 DBUS_DATA2 DBUS_DATA3 DBUS_DATA4 DBUS_DATA5 DBUS_DATA6 DBUS_DATA7 DBUS_DATA8 AC26 AA24 AB26 Y24 V24 U25 U26 T26 R25 I/O None Bus data. Signal lines for request, write-data, and read-data packets. The request packet contains the address, operation codes, and other control information. These are RSL signals (see Note 1). DBUS_EN T25 O None Bus enable. Controls signal-to-transfer column addresses for random-access (nonsequential) transactions. This is an RSL signal (see Note 1). DCCTRL P24 I None Current control program. Connected to the current control resistor whose other terminal is connected to the termination voltage. DRX_CLK V26 O None Receive clock. This signal is derived from DTX_CLK. This is an RSL signal (see Note 1). It is connected directly to DTX_CLK in the TNETX4080. DTX_CLK V25 I None Transmit clock. This is an RSL signal (see Note 1). The primary internal clock is derived from this signal. DVREF AA26 I None Reference voltage. Logic threshold reference voltage for RSL signals. NOTE 1: RSL is a low-voltage swing, active-low signaling technology. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |