| Electronic Components Datasheet Search |
|
TNETX4080 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 26 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 full-duplex NM port The NM port can intermix reception and transmission as desired. It is the direction of the NMData access (i.e., read or write) that determines whether a byte is removed from the transmit queue or added to the receive queue. The DIO interface, however, is only half duplex since it cannot do a read and write at the same time. NM bandwidth and priority The NM port is capable of transferring a byte to or from NMData once every 80 ns, or 100 Mbit/s. This can be sustained between the DIO port and the NM ports dedicated receive or receive buffers. However, the NM port is prioritized lower than the other ports between its receive buffers and the external memory system so that, during periods of high activity, the NM port does not cause frames to be dropped on the other ports. interrupt processing The SRXRDY signal and the nmrx interrupt are set when the receive FIFO is completely empty. This indicates that the NM port is ready to accept a frame of any length (up to 1535 bytes). If the host wished to download a sequence of frames, it could use the freebuffs field to determine space availability. PHY management interface This interface gives the user an easy way to implement a software-controlled bit serial MII PHY management interface. MII devices that implement the management interface consisting of MDIO and MDCLK can be accessed through an internal register (see the TNETX4090 Programmer’s Reference Guide, literature number SPAU003, for details on controlling this interface). A third signal, MRESET, is provided to allow hardware reset of PHYs that support it. All three pins have internal pullup resistors since they can be placed in a high-impedance state to allow another bus master. The interface does not implement any timing or MII frame formatting. The timing and frame format must be ensured by the management software setting or clearing the bits within the internal registers in an appropriate manner. Refer to IEEE Std 802.3u and the MII device data sheets for the appropriate protocol requirements. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |