Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4080 Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETX4080
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETX4080 Datasheet HTML 18Page - Texas Instruments TNETX4080 Datasheet HTML 19Page - Texas Instruments TNETX4080 Datasheet HTML 20Page - Texas Instruments TNETX4080 Datasheet HTML 21Page - Texas Instruments TNETX4080 Datasheet HTML 22Page - Texas Instruments TNETX4080 Datasheet HTML 23Page - Texas Instruments TNETX4080 Datasheet HTML 24Page - Texas Instruments TNETX4080 Datasheet HTML 25Page - Texas Instruments TNETX4080 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO interface description (continued)
Table 5. Address-Lookup Statistics
PORT NO.
HEAD
STATISTIC
N/A
0x9200–0x9FFC
Reserved
N/A
0xA000
Unknown unicast destination addresses
N/A
0xA004
Unknown multicast destination addresses
N/A
0xA008
Unknown source addresses
N/A
0xA00C–0xFFFC
Reserved
When accessing the statistics values from the DIO port, it is necessary to perform four 1-byte DIO reads to obtain
the full 32-bit counter. Counters always should be read in ascending byte-address order (0, 1, 2, 3). To prevent
the counter being updated while reading the four bytes, the entire 32-bit counter value is transferred to a holding
register when byte 0 is read.
To provide ease of use with both big- and little-endian CPUs, two alternative byte-ordering schemes are
supported. The mode of operations can be selected through the StatControl register.
receiving/transmitting management frames
Frames originating within the host are written to the NM port via the NMRxControl and NMData registers. Once
a frame has been fully written, it is then received by the switch and routed to the destination port(s).
Frames that were routed to this port from any of the switch ports are placed in a queue until the host is ready
to read them via the NMTxControl and NMData registers. They then are effectively transmitted out of the switch.
SDMA can be used to transmit or receive management frames (the SAD1–SAD0 pins are ignored when SDMA
is asserted) (see Table 6). When SDMA is asserted, the switch uses the value in the DMAAddress register
instead of the DIO address registers to access frame data (this also can be used to access the switch statistics).
STXRDY and SRXRDY, the interrupts, freebuffs, eof, sof, and iof mechanisms can be used, as desired, to
prevent unwanted stalls on the DIO bus during busy periods.
Table 6. DMA Interface Signals
SIGNAL
DESCRIPTION
SDMA
Automatically sets up DIO address using the DMAAddress register
STXRDY
Indicates that at least one data frame buffer can be read by the management CPU
SRXRDY
Indicates that the management CPU can write a frame of any size up to 1535 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com