| Electronic Components Datasheet Search |
|
TNETX3151 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3151 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 65 page ![]() TNETX3151 ThunderSWITCH ™ 12/3 ETHERNET™ SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS048A – MARCH 1998 – REVISED APRIL 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions 10-Mbit/s MAC multiplexed interface (ports 04–15) is multiplexed into one group of eight ports (TH2) and one group of four ports (TH1)† TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR‡ DESCRIPTION TH1CLK TH2CLK 2 23 I Pullup Interface clock. Four ports are supported by TH1CLK and eight ports are supported by TH2CLK, using a common 20-MHz clock. TH1COL TH2COL 3 24 I Pulldown Interface collision sense. Assertion of THxCOL during half-duplex operation indicates network collision on the current port. Additionally, during full-duplex operation, transmission of new frames does not start if this terminal is asserted. TH1CRS TH2CRS 5 25 I Pulldown Interface carrier sense. THxCRS indicates a frame carrier signal is being received on a current port. TH1LINK TH2LINK 13 32 I Pulldown Interface link presence. THxLINK indicates the presence of the connection on a port. – Low = no link – High = link good TH1RENEG TH2RENEG 233 15 O None Interface renegotiate. A 1-0-1 sequence output on THxRENEG causes flow control and half/full duplex for a port to be renegotiated with its companion physical-layer (PHY) device. These THxRENEG terminals connect to IFFORCEHD on TNETE2008. TH1RXD3 TH1RXD2 TH1RXD1 TH1RXD0 TH2RXD3 TH2RXD2 TH2RXD1 TH2RXD0 11 10 9 7 30 29 28 27 I Pullup Interface receive data. The receive data nibble from the current port is synchronous to THxCLK. When the THxRXDV signal is 1, the receive data terminals contain valid information. THxRXD0 is the least significant bit and THxRXD3 is the most significant bit. These signals also are used to report the channel state to the MAC. TH1TXEN TH2TXEN 240 21 O None Interface transmit enable. THxTXEN indicates valid transmit data on THxTXD. TH1SYNC TH2SYNC 1 22 I Pullup Interface synchronize. THxSYNC is used to synchronize the port traffic between the media-access controller (MAC) and PHY. When THxSYNC is a 1, the current MAC-to-PHY path is the multiplexer interface TH0, and the PHY-to-MAC path is the multiplexer interface TH2. THxSYNC is sampled by the MAC on the falling edge of THxCLK. TH1TXD3 TH1TXD2 TH1TXD1 TH1TXD0 TH2TXD3 TH2TXD2 TH2TXD1 TH2TXD0 239 237 236 234 20 19 18 16 O None Interface transmit data. The transmit data nibble for the current port is synchronous to THxCLK. When THxTXEN is asserted, these signals carry data. THxTXD3–THxTXD0 are used during renegotiation to convey flow-control and duplex configuration requests to the PHY. THxTXD0 is the least significant bit and THxTXD3 is the most significant bit. TH1RXDV TH2RXDV 6 26 I Pulldown Interface receive data valid. When THxRXDV is a 1, it indicates that the THxRXD lines contain valid data. † THx = TH1 and TH2 ‡ Internal resistors are provided to pull signals to known values. System designers should determine if additional pullups or pulldowns are required in their system. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |