Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3151 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETX3151
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETX3151 Datasheet HTML 14Page - Texas Instruments TNETX3151 Datasheet HTML 15Page - Texas Instruments TNETX3151 Datasheet HTML 16Page - Texas Instruments TNETX3151 Datasheet HTML 17Page - Texas Instruments TNETX3151 Datasheet HTML 18Page - Texas Instruments TNETX3151 Datasheet HTML 19Page - Texas Instruments TNETX3151 Datasheet HTML 20Page - Texas Instruments TNETX3151 Datasheet HTML 21Page - Texas Instruments TNETX3151 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interface description
DIO interface
The DIO interface is a general-purpose interface that can be used with a wide range of microprocessor or
computer systems. The interface supports external DMA controllers.
This interface can be used to configure the TNETX3151 using an optional attached CPU (or EEPROM), and
to access statistics registers. In addition, this allows access to an internal network management (NM) port that
can be transferred between the CPU and the TNETX3151 to support spanning tree, SNMP, and RMON. Either
the CPU can read and write packets directly under software control or an external DMA controller can be used
to improve performance.
When accessing the statistics values from the DIO port, it is necessary to perform four 1-byte DIO reads to obtain
the full 32-bit counter. Counters always should be read in ascending byte-address order (0, 1, 2, 3). To prevent
the counter being updated while reading the four bytes, the entire 32-bit counter value is transferred to a holding
register when byte 0 is read.
receiving/transmitting management frames
Frames originating within the host are written to the NM port via the NMRxcontrol and NMdata registers. Once
a frame has been fully written, it is then received by the switch and routed to the destination port(s).
Frames that were routed to this port from any of the switch ports are placed in a queue until the host is ready
to read them via the NMTxcontrol and NMdata registers. They then are effectively transmitted out of the switch.
SDMA can be used to transmit or receive management frames (the SAD1–SAD0 pins are ignored when SDMA
is asserted) (see Table 3). When SDMA is asserted, the switch uses the value in the DMAaddress register
instead of the DIO address registers to access frame data (this also can be used to access the switch statistics).
STXRDY and SRXRDY, the interrupts, freebuffs, eof, sof, and iof mechanisms can be used, as desired, to
prevent unwanted stalls on the DIO bus during busy periods.
Table 3. DMA Interface Signals
SIGNAL
DESCRIPTION
SDMA
Automatically sets up DIO address using the DMAaddress register
STXRDY
Indicates that at least one data frame buffer can be read by the management CPU
SRXRDY
Indicates that the management CPU can write a frame of any size up to 1535 bytes
state of DIO signals during hardware reset
The CPU can perform a hardware reset by writing to an address in the range 0x4000–0x5FFF (writes to a DMA
address in this range have no effect on reset). This is equivalent to asserting the hardware RESET pin. During
hardware reset, the output and bidirectional DIO pins behave as shown in Table 4.
Table 4. DIO Interface During Hardware Reset
DIO INTERFACE
SIGNAL
STATE DURING HARDWARE RESET
SDATA7–SDATA0
High impedance. Resistively pulled up.
SRDY
High impedance. Resistively pulled up.
SRXRDY
Driven high
STXRDY
Driven low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com