Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3151 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETX3151
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETX3151 Datasheet HTML 15Page - Texas Instruments TNETX3151 Datasheet HTML 16Page - Texas Instruments TNETX3151 Datasheet HTML 17Page - Texas Instruments TNETX3151 Datasheet HTML 18Page - Texas Instruments TNETX3151 Datasheet HTML 19Page - Texas Instruments TNETX3151 Datasheet HTML 20Page - Texas Instruments TNETX3151 Datasheet HTML 21Page - Texas Instruments TNETX3151 Datasheet HTML 22Page - Texas Instruments TNETX3151 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
network management port
Frames can be received or transmitted via the DIO interface using a built-in port, the network management (NM)
port.
Frames originating within the host are written to this port via the NMRxcontrol and NMdata registers. Once a
frame has been fully written, it is then received by the switch and routed to the destination port(s).
Frames that were routed to this port from any of the switch’s ports queue until the host is ready to read them
via the NMTxcontrol and NMdata registers. They are then effectively transmitted out of the switch.
IEEE Std 802.1Q VLAN headers on the NM port
Frames received from the host via the NM port are required to contain a valid IEEE Std 802.1Q header. Frames
that do not contain a valid header are incorrectly routed. They may be corrupted at the transmission port(s), as
the header-stripping process does not verify that the four bytes after the source address are actually a valid
header because they always are a valid header under all other circumstances.
When a frame is transmitted to the NM port, no header-stripping occurs, so the frame contains one, or possibly
two headers, depending on how the frame was originally received.
full-duplex NM port
The NM port can intermix reception and transmission as desired. The direction of the NMdata access (i.e., read
or write) determines whether a byte is removed from the transmit queue or added to the receive queue. The
DIO interface is half duplex since it can do only a read or write at one time.
NM bandwidth and priority
The NM port is capable of transferring a byte to or from NMdata once every five cycles, so the burst rate of this
port approximates eight bits per 60 ns (or
≈133 Mbit/s). This can be sustained between the DIO port and the
NM port’s dedicated transmit or receive buffers.
However, the NM port is prioritized lower than the other ports between its receive and transmit buffers and the
external memory system so that at periods of high activity, the NM port does not cause frames to be dropped
on the other ports. STXRDY and SRXRDY, the interrupts and freebuffs, eof, sof, and interior-of-frame iof
mechanisms can be used as desired to prevent unwanted stalls on the DIO bus during busy periods.
The burst rate is unaffected by traffic on other ports.
interrupt processing
There are two interrupts available on the NM port.
The interrupt process uses RXRDY and the nmrx interrupts to indicate when the receive FIFO is empty. This
indicates that the NM port is ready to accept a frame of any length (up to 1536 bytes).
If the host needs to download a sequence of frames, it can use the freebuffs field to indicate space availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com