Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-R010-330 Datasheet(PDF) 25 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 25 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
22
FM
804-XXXX-23X
Explosion proof
Class I, Div. 1; Groups B, C, & D
804-XXXX-33X
Insulated probes only
Class II, Div. 1; Groups E, F, & G
Class III, NEMA 4X IP66
Integral units
Class I, Div. 1; Groups B, C, & D
Explosion proof with
Class II, Div. 1; Groups E, F & G
I.S. probe
Class III, NEMA 4X IP65
804-XXXX-53X
Remote units
Class I, Div. 1; Groups B, C, & D
804-XXXX-63X
Explosion proof
Class II, Div. 1; Groups E, F & G
Class III, NEMA 4X IP65
Remote probe
Class I, Div. 1; Groups A, B, C, & D
Intrinsically Safe
Class II, Div. 1; Groups E, F & G
Class III, NEMA 4X IP65
CSA
804-XXXX-23X
Explosion proof
Class I, Div. 1; Groups C, & D
804-XXXX-33X
Insulated probes only*
Class II, Div. 1; Groups E, F, & G
Class III, Type 4X
Integral units
Class I, Div. 1; Groups C, & D
Explosion proof with
Class II, Div. 1; Groups E, F & G
I.S. probe
Class III, Type 4X
804-XXXX-53X
Remote units
Class I, Div. 1; Groups B, C, & D
804-XXXX-63X
Explosion proof
Class II, Div. 1; Groups E, F & G
Class III, Type 4X
Remote probe
Class I, Div. 1; Groups A, B, C, & D
Intrinsically Safe
Class II, Div. 1; Groups E, F & G
Class III, Type 4X
AGENCY
MODEL APPROVED
APPROVAL CATEGORY
APPROVAL CLASSES
3.2
Agency Approvals
These units have been tested to EN 50081-2
and EN 50082-2 and are in compliance with
the EMC Directive 89/336/EEC.
*For Class II, Groups E & F, insulated probes must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com