Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO4350 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # RO4350
Description  RF Power Field Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RO4350 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button RO4350 Datasheet HTML 5Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 6Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 7Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 8Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 9Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 10Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 11Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 12Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MRF8S9102NR3
9
RF Device Data
Freescale Semiconductor
Figure 11. MRF8S9102NR3 Test Circuit Component Layout — 865--895 MHz
MRF8S9102N
Rev. 0
R1
R2
C3
C9
R3
C10
C8
C11
C2
C13
C14
C15
C16
C6
C7
C12
C1
C11
C17
C4
C5
Table 7. MRF8S9102NR3 Test Circuit Component Designations and Values — 865--895 MHz
Part
Description
Part Number
Manufacturer
C1, C2
220 μF, 63 V Electrolytic Capacitors
222212018221
Vishay
C3, C4, C5, C6, C7
10 μF, 50 V Chip Capacitors
C5750X5R1H106M
TDK
C8
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C9, C12, C13, C16
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C10, C11
6.8 pF Chip Capacitors
ATC100B6R8BT500XT
ATC
C14, C15
3.9 pF Chip Capacitors
ATC100B3R9BT500XT
ATC
C17
1.2 pF Chip Capacitor
ATC100B1R2BT500XT
ATC
R1, R2
1KΩ, 1/8 W Chip Resistors
WCR08051KFI
Welwyn
R3
10 Ω, 1/4 W Chip Resistor
9C12063A10R0FKHFT
Yageo
PCB
0.020″, εr =3.5
RO4350
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com