Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO4350 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # RO4350
Description  RF Power Field Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RO4350 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  RO4350 Datasheet HTML 1Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 2Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 3Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 4Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 5Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 6Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 7Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 8Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MRF8S9102NR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
820
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 2. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 28 Watts Avg.
--20
0
--5
--10
--15
17
27
26
25
--38.5
40
38
36
34
--36
--36.5
--37
--37.5
ηD
24
23
22
21
20
19
18
840
860
880
900
920
940
960
980
32
--38
--25
PARC
--1.7
--0.8
--1.1
--1.4
--2
VDD =28 Vdc,Pout =28 W (Avg.),IDQ = 750 mA
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Figure 3. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 82 W (PEP), IDQ = 750 mA
Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
Figure 4. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
2
Pout, OUTPUT POWER (WATTS)
0
--2
--4
20
1
--1
--3
10
30
40
60
0
60
50
40
30
20
10
--1 dB = 25 W
--2 dB = 35 W
--3 dB = 48 W
50
ηD
ACPR
PARC
--50
--20
--25
--30
--40
--35
--45
24
23.5
23
22.5
22
21.5
21
Gps
Input Signal PAR = 7.5 dB
@ 0.01% Probability on CCDF
--0.5
VDD =28 Vdc,IDQ = 750 mA, f = 940 MHz, Single--Carrier
W--CDMA, 3.84 MHz Channel Bandwidth, Input Signal
PAR = 7.5 dB @ 0.01% Probability on CCDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com