Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO4350 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # RO4350
Description  RF Power Field Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RO4350 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button RO4350 Datasheet HTML 4Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 5Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 6Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 7Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 8Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 9Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 10Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 11Page - Freescale Semiconductor, Inc RO4350 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF8S9102NR3
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
Ideal
Actual
940 MHz
960 MHz
920 MHz
940 MHz
960 MHz
920 MHz
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ = 750 mA, Pulsed CW, 10 μsec(on), 10% Duty Cycle
54
52
50
55
53
47
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
51
56
25
57
49
48
26
46
27
28
29
30
31
32
33
34
35
36
f
(MHz)
P1dB
P3dB
Watts
dBm
Watts
dBm
920
158
52.0
195
52.9
940
162
52.1
195
52.9
960
158
52.0
195
52.9
Test Impedances per Compression Level
f
(MHz)
Zsource
Ω
Zload
Ω
920
P1dB
1.60 -- j2.77
8.80 -- j0.18
940
P1dB
2.03 -- j3.36
9.34 + j1.58
960
P1dB
2.33 -- j3.55
8.42 + j3.05
Figure 10. Pulsed CW Output Power
versus Input Power @ 28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com