Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8343ECVRADDB Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8343ECVRADDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343ECVRADDB Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8343ECVRADDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
56
Freescale Semiconductor
Package and Pin Listings
SPI
SPIMOSI/LCS[6]
D7
I/O
OVDD
—
SPIMISO/LCS[7]
C7
I/O
OVDD
—
SPICLK
B7
I/O
OVDD
—
SPISEL
A7
I
OVDD
—
Clocks
PCI_CLK_OUT[0:2]
Y1, W3, W2
O
OVDD
—
PCI_CLK_OUT[3]/LCS[6]
W1
O
OVDD
—
PCI_CLK_OUT[4]/LCS[7]
V3
O
OVDD
—
PCI_SYNC_IN/PCI_CLOCK
U4
I
OVDD
—
PCI_SYNC_OUT
U5
O
OVDD
3
RTC/PIT_CLOCK
E9
I
OVDD
—
CLKIN
W5
I
OVDD
—
JTAG
TCK
H27
I
OVDD
—
TDI
H28
I
OVDD
4
TDO
M24
O
OVDD
3
TMS
J27
I
OVDD
4
TRST
K26
I
OVDD
4
Test
TEST
F28
I
OVDD
6
TEST_SEL
T3
I
OVDD
7
PMC
QUIESCE
K27
O
OVDD
—
System Control
PORESET
K28
I
OVDD
—
HRESET
M25
I/O
OVDD
1
SRESET
L27
I/O
OVDD
2
Thermal Management
THERM0
B15
I
—
8
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com