Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5709. Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5709.
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5709. Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5709. Datasheet HTML 1Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 2Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 3Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 4Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2043 / 2SC5709
No.6914-4/5
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5
7
2
3
5 7
2
3
5
7
1.0
10
VCE(sat) -- IC
Ta=75
°C
--25
°C
IT00179
2SC5709
IC / IB=50
VBE(sat) -- IC
10000
1000
0.01
0.1
1.0
10
Ta= --25°C
25
°C
75°C
7
5
3
2
7
5
3
2
100
23
5
7
2
3
5
7
2
3
5
7
2SC5709
IC / IB=50
IT00181
VBE(sat) -- IC
--10000
--1000
--100
--0.01
--0.1
--1.0
--10
Ta= --25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5 7
2
3
5 7
2SA2043
IC / IB=50
IT00180
--1000
--100
2
3
5
7
2
3
5
7
5
7
--10
--0.01
--0.1
23
5 7
2
3
5 7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
IT00177
Ta=75
°C
--25
°C
2SA2043
IC / IB=50
25
°C
25
°C
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
f T -- IC
7
3
100
2
5
7
3
2
5
10
1.0
7
3
2
5
1000
--0.01
25 7
3
--0.1
25
7
3
--1.0
25
7
3
--10
IT00184
2SA2043
VCE= --2V
f T -- IC
7
3
100
2
5
7
3
2
5
10
1.0
7
3
2
5
1000
0.01
25 7
3
0.1
25 7
3
1.0
25
7
3
10
IT00185
2SC5709
VCE=2V
Cob -- VCB
7
5
3
2
1.0
10
7
5
3
2
100
7
5
3
2
1000
--1.0
23
5
7
--10
23
IT00182
2SA2043
f=1MHz
Cob -- VCB
7
5
3
2
1.0
10
7
5
3
2
100
7
5
3
2
1000
1.0
23
5
7
10
23
IT00183
2SC5709
f=1MHz
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com