Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5709. Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5709.
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5709. Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5709. Datasheet HTML 1Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 2Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 3Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 4Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2043 / 2SC5709
No.6914-2/5
VR
RB
VCC=5V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=3A
For PNP, the polarity is reversed.
Specifications
( ) : 2SA2043
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)15
V
Collector-to-Emitter Voltage
VCEO
(--)15
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)10
A
Collector Current (Pulse)
ICP
(--)13
A
Base Current
IB
(--)1.2
A
Collector Dissipation
PC
1W
Tc=25
°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)12V, IE=0
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)2V, IC=(--)500mA
(220)280
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(90)50
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)3A, IB=(--)60mA
(--110)120
(--170)180
mV
IC=(--)4.5A, IB=(--)90mA
(--160)180
(--240)280
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)3A, IB=(--)60mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--)15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0
(--)5
V
Turn-On Time
ton
See specified test circuit.
30
ns
Storage Time
tstg
See specified test circuit.
(120)180
ns
Fall Time
tf
See specified test circuit.
(14)25
ns
Swicthing Time Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com