Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5709. Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5709.
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5709. Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5709. Datasheet HTML 1Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 2Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 3Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 4Page - Sanyo Semicon Device 2SC5709. Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2043 / 2SC5709
No.6914-3/5
--7
--8
--9
--6
--5
--4
--3
--2
--1
0
0
--0.1
--0.2
--0.3
--0.4
--0.5
IC -- VCE
--10mA
--20mA
--30mA
--40mA
--50mA
--60mA
--70mA
--80mA
--90mA
--100mA
IB=0
IT00170
2SC5709
VCE=2V
8
9
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.4
1.0
1.2
IC -- VBE
IT00173
2SA2043
VCE= --2V
--8
--9
--7
--6
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IC -- VBE
IT00172
7
8
9
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
IC -- VCE
10mA
20mA
30mA
40mA
50mA
60mA
70mA
80mA
90mA
IB=0
IT00171
2SA2043
2SC5709
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5 7
2
3
5 7
2
3
5
7
1.0
10
VCE(sat) -- IC
IT00178
--1000
--100
2
3
5
7
2
3
5
7
5
7
--10
--0.01
--0.1
23
5
7
2
3
5
7
23
5 7
--1.0
--10
VCE(sat) -- IC
IT00176
Ta=75
°C
--25
°C
2SA2043
IC / IB=20
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
hFE -- IC
2SA2043
VCE= --2V
IT00174
Ta=75
°C
25
°C
--25
°C
1000
100
10
7
5
3
2
7
5
3
2
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
2SC5709
VCE=2V
IT00175
25
°C
Ta=75
°C
--25
°C
2SC5709
IC / IB=20
25
°C
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com