Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU24DM6F Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM660OFU24DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU24DM6F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM660OFU24DM6F Datasheet HTML 34Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 35Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 36Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 37Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 38Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 39Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 40Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 41Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Maximum ratings
STM6600 - STM6601
38/51
Doc ID 15453 Rev 7
6
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Remarks
VCC
Input supply voltage
–0.3
+7.0
V
Input voltages on PB, SR, PSHOLD and
CSRD
–0.3
VCC + 0.3
V
Output voltages on EN (EN), RST and
INT
–0.3
VCC + 0.3
V
VESD
Electrostatic protection
–2
+2
kV
Human body model (all pins)
–8
+8
kV
Human body model (PB and SR)
VESD
Electrostatic protection
–1000
+1000
V
Charged device model
VESD
Electrostatic protection
–200
+200
V
Machine model
VESD
Point discharge on PB and SR inputs
–8
+8
kV
IEC61000-4-2
VESD
Air discharge on PB and SR inputs
–15
+15
kV
IEC61000-4-2
TA
Operating ambient temperature
–40
+85
°C
TSTG
Storage temperature
–45
+150
°C
TSLD
(1)
Lead solder temperature for 10 seconds
+260
°C
θ
JA
Thermal resistance (junction to ambient)
+132.4
°C/W
1.
Reflow at peak temperature of 260°C. The time above 255°C must not exceed 30 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com