Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU24DM6F Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM660OFU24DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU24DM6F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM660OFU24DM6F Datasheet HTML 27Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 28Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 29Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 30Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 31Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 32Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 33Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 34Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
STM6600 - STM6601
Typical operating characteristics
Doc ID 15453 Rev 7
31/51
Figure 29.
Debounce period vs. supply voltage
Figure 30.
CSRD charging current vs. temperature, VCC = 3.6 V
15
20
25
30
35
40
45
3.5
44.5
55.5
Supply voltage, V
CC (V)
T
A = 85 °C
T
A = 25 °C
T
A = 0 °C
T
A = –40 °C
AM04707v1
100
110
120
130
140
150
160
170
180
190
200
-40
-20
0
20
40
60
80
Temperature, TA (°C)
V
CC = 5.5 V
V
CC = 3.6 V
V
CC = 2 V
AM04708v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com