Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU24DM6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM660OFU24DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU24DM6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM660OFU24DM6F Datasheet HTML 26Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 27Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 28Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 29Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 30Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 31Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 32Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 33Page - STMicroelectronics STM660OFU24DM6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Typical operating characteristics
STM6600 - STM6601
30/51
Doc ID 15453 Rev 7
Figure 27.
Threshold vs. temperature, VTH+ = 3.4 V (typ.)
Figure 28.
Threshold hysteresis vs. temperature, VHYST = 200 mV (typ.)
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-40
-20
0
20
40
60
80
Tem perature, T
A (°C)
AM04705v1
170
180
190
200
210
220
230
-40
-20
0
20
40
60
80
Tem perature, T
A (°C)
AM04706v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com